Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1292 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1292
Description  400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1292 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1292 Datasheet HTML 1Page - Maxim Integrated Products MAX1292 Datasheet HTML 2Page - Maxim Integrated Products MAX1292 Datasheet HTML 3Page - Maxim Integrated Products MAX1292 Datasheet HTML 4Page - Maxim Integrated Products MAX1292 Datasheet HTML 5Page - Maxim Integrated Products MAX1292 Datasheet HTML 6Page - Maxim Integrated Products MAX1292 Datasheet HTML 7Page - Maxim Integrated Products MAX1292 Datasheet HTML 8Page - Maxim Integrated Products MAX1292 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
400ksps, +5V, 8-/4-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VLOGIC = +5V ±10%, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 7.6MHz (50% duty
cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
External acquisition or external clock mode
Internal acquisition/internal clock mode
MAX129_A
External acquisition/internal clock mode
External clock mode
-3dB rolloff
SINAD > 68dB
fIN = 175kHz, VIN = 2.5VP-P (Note 4)
fIN1 = 49kHz, fIN2 = 52kHz
MAX129_B
No missing codes over temperature
CONDITIONS
ns
25
Aperture Delay
ns
400
tACQ
T/H Acquisition Time
µs
3.2
3.6
4
2.5
3.0
3.5
2.1
tCONV
Conversion Time (Note 5)
MHz
6
Full-Power Bandwidth
kHz
350
Full-Linear Bandwidth
dB
-78
Channel-to-Channel Crosstalk
dB
76
IMD
Intermodulation Distortion
dB
80
SFDR
Spurious-Free Dynamic Range
dB
-80
Total Harmonic Distortion
(including 5th-order harmonic)
THD
±0.5
INL
Relative Accuracy (Note 2)
Bits
12
RES
Resolution
dB
67
70
SINAD
Signal-to-Noise Plus Distortion
LSB
±0.2
Channel-to-Channel Offset
Matching
ppm/°C
±2
Gain Temperature Coefficient
LSB
±1
LSB
±1
DNL
Differential Nonlinearity
LSB
±4
Offset Error
LSB
±4
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Internal acquisition/internal clock mode
External acquisition or external clock mode
<200
ps
<50
Aperture Jitter
MHz
0.1
7.6
fCLK
External Clock Frequency
%
30
70
Duty Cycle
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN(sine wave) = 50kHz, VIN = 2.5VP-P, 400ksps, external fCLK = 7.6MHz, bipolar input mode)
CONVERSION RATE
VDD to GND ..............................................................-0.3V to +6V
VLOGIC to GND.........................................................-0.3V to +6V
CH0–CH7, COM to GND ............................-0.3V to (VDD + 0.3V)
REF, REFADJ to GND.................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
Digital Outputs (D0–D11, INT)
to GND ........................................... -0.3V to (VLOGIC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.5mW/°C above +70°C).........762mW
28-Pin QSOP (derate 8.00mW/°C above +70°C).......667mW
Operating Temperature Ranges
MAX1290_C_ _/MAX1292_C_ _ ....................... 0°C to +70°C
MAX1290_E_ _/MAX1292_E_ _ .....................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn