Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT3N3 Datasheet(PDF) 54 Page - PerkinElmer Optoelectronics

Part # VT3N3
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT3N3 Datasheet(HTML) 54 Page - PerkinElmer Optoelectronics

Back Button VT3N3 Datasheet HTML 50Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 51Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 52Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 53Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 54Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 55Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 56Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 57Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 58Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
49
Dual Element Axial Vactrols
VTL5C4/2
PACKAGE DIMENSIONS INCH (MM)
PLASTIC POTTING CONTOUR
NOT CONTROLLED
DESCRIPTION
VTL5C4/2 features a very low “on” resistance, fast response time, with a smaller temperature coefficient of resistance than VTL5C1.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Maximum Temperatures
Storage and Operating:
–40°C to 75°C
Cell Power:
175 mW
Derate above 30°C:
3.9 mW/°C
LED Current:
40 mA
Derate above 30°C:
0.9 mA/°C
LED Reverse Breakdown Voltage:
3.0 V
1
LED Forward Voltage Drop @ 20 mA:
2.0V (1.65V Typ.)
Min. Isolation Voltage @ 70% Rel. Humidity: 2500 VRMS
Output Cell Capacitance:
5.0 pF
Cell Voltage:
30V
Input - Output Coupling Capacitance:
0.5 pF
ELECTRO-OPTICAL CHARCTERISTICS @ 25°C
Refer to Specification Notes, page 41.
Part
Number
Material
Type
ON Resistance
OFF
Resistance
@ 10 sec. (Min.)
Slope
(Typ.)
Dynamic Range
(Typ.)
Response Time
Input current
Dark
Adapted
(Typ.)
Turn-on to
63% Final RON
(Typ.)
Turn-off (Decay)
to 100 k
(Max.)
VTL5C4/2
4
1 mA
10 mA
1.5 k
150
400
8.3
68 db
6.0 ms
1.5 sec
2
3
@ 0.5 mA
R@ 5 mA
------------------------
R
DARK
R@ 20 mA
------------------------
4
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VT3N3

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT3-801F QUARTZCOM-VT3-801F Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801FL QUARTZCOM-VT3-801FL Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801FM QUARTZCOM-VT3-801FM Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801FS QUARTZCOM-VT3-801FS Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801HTF QUARTZCOM-VT3-801HTF Datasheet
125Kb / 1P
   SMD VC-TCXO HCMOS Tight frequency stability vs. temperature
More results

Similar Description - VT3N3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com