Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT3N3 Datasheet(PDF) 37 Page - PerkinElmer Optoelectronics

Part # VT3N3
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT3N3 Datasheet(HTML) 37 Page - PerkinElmer Optoelectronics

Back Button VT3N3 Datasheet HTML 33Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 34Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 35Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 36Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 37Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 38Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 39Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 40Page - PerkinElmer Optoelectronics VT3N3 Datasheet HTML 41Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
32
Typical Applications of Analog Optical Isolators
Why Use Analog Optical Isolators?
PerkinElmer Optoelectronics’ line of analog optical isolators (AOIs) consists of a light tight package which houses a light source and
one or more photoconductive cells. Through control of the input current or voltage applied to the AOI, the output resistance can be
varied. The output resistance can be made to switch between an “on” and “off” state or made to track the input signal in an analog
manner. Because a small change in input signal can cause a large change in output resistance, AOIs have been found to provide a
very economic and technically superior solution for many applications. Their general characteristics and salient features can be
summarized as follows:
High input-to-output voltage isolation
True resistance element output
Single or dual element outputs available
Low cost
Suitable for AC or DC use
Wide range of input to output characteristics
Low drive current
Low “on” resistance, high “off” resistance
Complete solid-state construction
Applications
Analog Optical Isolators are used in many different types of circuits and applications. Here is a list of only a few examples of where
AOIs have been used.
DC isolators
Feedback elements in automatic gain control circuits
Audio limiting and compression
Noiseless switching
Logic interfacing
Remote gain control for amplifiers
Photochoppers
Noiseless potentiometers


Similar Part No. - VT3N3

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT3-801F QUARTZCOM-VT3-801F Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801FL QUARTZCOM-VT3-801FL Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801FM QUARTZCOM-VT3-801FM Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801FS QUARTZCOM-VT3-801FS Datasheet
120Kb / 1P
   SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT3-801HTF QUARTZCOM-VT3-801HTF Datasheet
125Kb / 1P
   SMD VC-TCXO HCMOS Tight frequency stability vs. temperature
More results

Similar Description - VT3N3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com