Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9015 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 9015
Description  A180W, 100KHz Forward Converter Using QFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

9015 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  9015 Datasheet HTML 1Page - Fairchild Semiconductor 9015 Datasheet HTML 2Page - Fairchild Semiconductor 9015 Datasheet HTML 3Page - Fairchild Semiconductor 9015 Datasheet HTML 4Page - Fairchild Semiconductor 9015 Datasheet HTML 5Page - Fairchild Semiconductor 9015 Datasheet HTML 6Page - Fairchild Semiconductor 9015 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Rev. B, July 2000
verter’s primary transformer to prevent a potential saturation problem. In this application note
a RCD type clamp circuit is used. According to the different values of RCD components, the
clamp voltage is developed variably in the primary winding. Usually, high voltage with twice the
input DC voltage is used to obtain the maximum 50% duty ratio for resetting the transformer
flux during the MOSFET’s off period at low input DC voltage and full load. That means the
peak voltage of twice the primary DC voltage is developed across the MOSFET during the off
period. For a nominal line of 220V AC, the peak voltage could reach to at least 660V. This is
the reason for a minimum voltage rating of at least 800V.
Simple equations for selecting power MOSFET are as follows:
Figure 1. Basic Circuit and Idealized Waveforms
QFETs appropriate for the respective power outputs are shown in Table 1. Fairchild Semicon-
ductor’s power MOSFET QFETs provide more useful characteristic ratings to the forward con-
verter and other topologies by the reduction of on- resistance, gate charge, and improved
reliability.
220V AC line
110V AC line
150W
FQP6N70
FQP6N50, FQP6N60
250W
FQP6N80, FQP7N80
FQP9N50, FQP12N60
300W
FQP7N80, FQP6N90
FQP12N60
Table 1: QFET Selection
BV
dss
V
in max
()
1
1D
max
------------------------
leakage
induc
ce
tan
spike





+
I
dmax
()
1.2P
o
ηV
in min
()D max
()
---------------------------------------------
Control
Circuit
T1
L1
Vin
Switching
MOSFET
voltage
across
MOSFET
current in
secondary
transformer
Current
in MOSFET
current in
clamp
circuit
0
0
0
0
Vds
Vout
R
C
D
1
1
2
1
2 1
2
Input Voltage
Output Power


Similar Part No. - 9015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
   QUAD NOR GATE
logo
Daya Electric Group Co....
9015 DAYA-9015 Datasheet
691Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015 UTC-9015 Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Nanjing International G...
9015 DGNJDZ-9015 Datasheet
63Kb / 2P
   The transistor is subdivided into four groups
More results

Similar Description - 9015

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
   2A, 55V, 100kHz Step-Down Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
Coilcraft lnc.
GA3291-AL COILCRAFT-GA3291-AL Datasheet
165Kb / 1P
   Forward Converter Transformer
logo
XLSEMI
XL7056 XLSEMI-XL7056 Datasheet
241Kb / 11P
   2.1A 100KHz 90V Buck DC to DC Converter
logo
Coilcraft lnc.
GA3291 COILCRAFT-GA3291_13 Datasheet
120Kb / 1P
   Forward Converter Transformer
logo
Shenzhen Huazhimei Semi...
HM3127 HMSEMI-HM3127 Datasheet
485Kb / 9P
   0.3A 100KHz 80V Step-Down DC-DC Converter
logo
XLSEMI
XL7045 XLSEMI-XL7045 Datasheet
255Kb / 10P
   0.3A 100KHz 80V Buck DC to DC Converter
XL7046 XLSEMI-XL7046 Datasheet
297Kb / 12P
   1.0A 100KHz 90V Buck DC to DC Converter
logo
Fairchild Semiconductor
FQP1N60 FAIRCHILD-FQP1N60 Datasheet
519Kb / 8P
   QFET N-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com