Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK4015 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLK4015
Description  QUAB 0.6 to 1.5 Gbps TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK4015 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLK4015_09 Datasheet HTML 13Page - Texas Instruments TLK4015_09 Datasheet HTML 14Page - Texas Instruments TLK4015_09 Datasheet HTML 15Page - Texas Instruments TLK4015_09 Datasheet HTML 16Page - Texas Instruments TLK4015_09 Datasheet HTML 17Page - Texas Instruments TLK4015_09 Datasheet HTML 18Page - Texas Instruments TLK4015_09 Datasheet HTML 19Page - Texas Instruments TLK4015_09 Datasheet HTML 20Page - Texas Instruments TLK4015_09 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TLK4015
QUAD 0.6 to 1.5 Gbps TRANSCEIVER
SLLS541B − DECEMBER 2002 − REVISED JULY 2006
17
WWW.TI.COM
TTL Output switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = −1 mA,
VDD = MIN
2.10
2.3
V
VOL
Low-level output voltage
IOL = 1 mA,
VDD = MIN
0
0.25
0.5
V
tr(slew)
Slew rate (rising), magnitude of Rx_CLK,
Rx_ER, Rx_DV/LOSx, RDx
0.8 V to 2 V,
C = 5 pF, See Figure 10
0.5
V/ns
tf(slew)
Slew rate (falling), magnitude of Rx_CLK,
Rx_ER, Rx_DV/LOSx, RDx
0.8 V to 2 V,
C = 5 pF, See Figure 10
0.5
V/ns
tsu
RDx, Rx_DV/LOSx, Rx_ER setup to
Rx_CLK
50% voltage swing,
See Figure 10
GTx_CLK = 30 MHz
15
ns
tsu
RDx, Rx_DV/LOSx, Rx_ER setup to
Rx_CLK
50% voltage swing,
See Figure 10
GTx_CLK = 75 MHz
5.3
ns
th
RDx, Rx_DV/LOSx, Rx_ER hold to
Rx_CLK
50% voltage swing,
See Figure 10
GTx_CLK = 30 MHz
15
ns
th
RDx, Rx_DV/LOSx, Rx_ER hold to
Rx_CLK
50% voltage swing,
See Figure 10
GTx_CLK = 75 MHz
5.7
ns
RDx[0−15]
2 V
0.8 V
2 V
0.8 V
Rx_CLK
Rx_DV, Rx_ER,
tsu
th
tf(slew)
tr(slew)
0 V
2.7 V
0 V
tr(slew)
tf(slew)
2.7 V
Figure 10. TTL Data Output Valid Levels for AC Measurements


Similar Part No. - TLK4015_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4015IGPV TI-TLK4015IGPV Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
More results

Similar Description - TLK4015_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
Lattice Semiconductor
ORT42G5 LATTICE-ORT42G5 Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com