Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2442AIPWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2442AIPWG4
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2442AIPWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2442AIPWG4 Datasheet HTML 5Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 6Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 7Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 8Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 9Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 10Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 11Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 12Page - Texas Instruments TLV2442AIPWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
2, 3
VIO
Input offset voltage
vs Common-mode input voltage
,
4, 5
αVIO
Input offset voltage temperature coefficient
Distribution
6, 7
IIB /IIO
Input bias and input offset currents
vs Free-air temperature
8
VOH
High-level output voltage
vs High-level output current
9, 10
VOL
Low-level output voltage
vs Low-level output current
11, 12
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
13
IOS
Short circuit output current
vs Supply voltage
14
IOS
Short-circuit output current
yg
vs Free-air temperature
15
VO
Output voltage
vs Differential Input voltage
16, 17
AVD
Differential voltage amplification
vs Load resistance
18
Large signal differential voltage amplification and phase margin
vs Frequency
19 20
AVD
Large-signal differential voltage amplification and phase margin
vs Frequency
19, 20
AVD
Large signal differential voltage amplification
vs Free air temperature
21 22
Large-signal differential voltage amplification
vs Free-air temperature
21, 22
zo
Output impedance
vs Frequency
23, 24
CMRR
Common mode rejection ratio
vs Frequency
25
CMRR
Common-mode rejection ratio
qy
vs Free-air temperature
26
kSVR
Supply voltage rejection ratio
vs Frequency
27, 28
kSVR
Supply-voltage rejection ratio
qy
vs Free-air temperature
,
29
IDD
Supply current
vs Supply voltage
30
SR
Slew rate
vs Load capacitance
31
SR
Slew rate
vs Free-air temperature
32
Inverting large-signal pulse response
33, 34
VO
Voltage-follower large-signal pulse response
35, 36
VO
Inverting small-signal pulse response
37, 38
Voltage-follower small-signal pulse response
39, 40
Vn
Equivalent input noise voltage
vs Frequency
41, 42
Noise voltage
Over a 10-second period
43
THD + N
Total harmonic distortion plus noise
vs Frequency
44, 45
Gain bandwidth product
vs Free-air temperature
46
Gain-bandwidth product
vs Supply voltage
47
φ
Phase margin
vs Frequency
19, 20
φm
Phase margin
qy
vs Load capacitance
,
48
Gain margin
vs Load capacitance
49
B1
Unity-gain bandwidth
vs Load capacitance
50
† For all graphs where VDD = 5 V, all loads are referenced to 2.5 V.


Similar Part No. - TLV2442AIPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442AIPWG4 TI-TLV2442AIPWG4 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2442AIPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com