Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2442AIPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2442AIPW
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2442AIPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2442AIPW Datasheet HTML 3Page - Texas Instruments TLV2442AIPW Datasheet HTML 4Page - Texas Instruments TLV2442AIPW Datasheet HTML 5Page - Texas Instruments TLV2442AIPW Datasheet HTML 6Page - Texas Instruments TLV2442AIPW Datasheet HTML 7Page - Texas Instruments TLV2442AIPW Datasheet HTML 8Page - Texas Instruments TLV2442AIPW Datasheet HTML 9Page - Texas Instruments TLV2442AIPW Datasheet HTML 10Page - Texas Instruments TLV2442AIPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV244x
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV244xC
25
°C
300
2000
TLV244xI
Full range
2500
VIO
Input offset voltage
TLV244xA
25
°C
300
950
µV
VIO
Input offset voltage
TLV244xA
Full range
1500
µV
TLV2442AQ
25
°C
300
950
TLV2442AM
Full range
1600
αVIO
Temperature coefficient of input
25
°C
2
µV/°C
αVIO
offset voltage
to 85
°C
2
µV/°C
Input offset voltage long-term
drift (see Note 4)
VDD
± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.002
µV/mo
IIO
Input offset current
25
°C
0.5
60
pA
IIO
Input offset current
Full range
150
pA
25
°C
1
60
IIB
Input bias current
–40
°C to
85
°C
150
pA
IIB
Input bias current
125
°C
350
pA
TLV2442Q/AQ
TLV2442M/AM
Full range
260
VICR
Common-mode input voltage
|VIO| ≤ 5mV
RS =50 Ω
25
°C
0
to
4.25
–0.25
to
4.5
V
VICR
g
range
|VIO| ≤ 5 mV,
RS = 50 Ω
Full range
0
to
4
V
IOH = – 100 µA
25
°C
4.97
VOH
High-level output voltage
IOH = 5mA
25
°C
4
4.35
V
IOH = – 5 mA
Full range
4
VIC = 2.5 V,
IOL = 100 µA
25
°C
0.01
VOL
Low-level output voltage
VIC =2 5V
IOL =5 mA
25
°C
0.8
V
VIC = 2.5 V,
IOL = 5 mA
Full range
1.25
L
i
l diff
ti l
V2 5 V
R
600
Ω‡
25
°C
0.9
1.3
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V,
VO =1Vto4V
RL = 600 Ω‡
Full range
0.5
V/mV
VD
voltage am lification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
950
rid
Differential input resistance
25
°C
1000
G
ri
Common-mode input resistance
25
°C
1000
G
ci
Common-mode input
capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 10
25
°C
140
CMRR
Common mode rejection ratio
VIC = 0 to 4.25 V,
VO = 2.5 V,
25
°C
70
75
dB
CMRR
Common-mode rejection ratio
IC
,
RS = 50 Ω
O
,
Full range
70
dB
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C. Full
range for the Q suffix is – 40
°C to 125°C. Full range for the M suffix is – 55°C to 125°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2442AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442AIPW TI-TLV2442AIPW Datasheet
535Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442AIPW TI-TLV2442AIPW Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442AIPWG4 TI-TLV2442AIPWG4 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442AIPWLE TI-TLV2442AIPWLE Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442AIPWR TI-TLV2442AIPWR Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2442AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com