Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2422M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2422M
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2422M Datasheet(HTML) 1 Page - Texas Instruments

  TLV2422M Datasheet HTML 1Page - Texas Instruments TLV2422M Datasheet HTML 2Page - Texas Instruments TLV2422M Datasheet HTML 3Page - Texas Instruments TLV2422M Datasheet HTML 4Page - Texas Instruments TLV2422M Datasheet HTML 5Page - Texas Instruments TLV2422M Datasheet HTML 6Page - Texas Instruments TLV2422M Datasheet HTML 7Page - Texas Instruments TLV2422M Datasheet HTML 8Page - Texas Instruments TLV2422M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TLV2422, TLV2422A, TLV2422Y
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199C – SEPTEMBER 1997 – REVISED APRIL 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Extended Common-Mode Input Voltage
Range ...0 V to 4.5 V (Min) With 5-V Single
Supply
D No Phase Inversion
D Low Noise . . . 18 nV/√Hz Typ at f = 1 kHz
D Low Input Offset Voltage
950
µV Max at TA = 25°C (TLV2422A)
D Low Input Bias Current ...1 pA Typ
D Micropower Operation ...50 µA Per
Channel
D 600-Ω Output Drive
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TLV2422 and TLV2422A are dual low-voltage
operational amplifiers from Texas Instruments.
The common-mode input voltage range for this
device has been extended over the typical CMOS
amplifiers making them suitable for a wide range
of applications. In addition, the devices do not
phase invert when the common-mode input is
driven to the supply rails. This satisfies most
design requirements without paying a premium
for rail-to-rail input performance. They also exhibit
rail-to-rail output performance for increased
dynamic
range
in
single-
or
split-supply
applications. This family is fully characterized at
3-V and 5-V supplies and is optimized for
low-voltage operation. The TLV2422 only requires
50
µA of supply current per channel, making it
ideal for battery-powered applications. The
TLV2422 also has increased output drive over
previous rail-to-rail operational amplifiers and can
drive 600-
Ω loads for telecom applications.
Other members in the TLV2422 family are the
high-power, TLV2442, and low-power, TLV2432,
versions.
The TLV2422, exhibiting high input impedance and low noise, is excellent for small-signal conditioning for
high-impedance sources, such as piezoelectric transducers. Because of the micropower dissipation levels and
low-voltage operation, these devices work well in hand-held monitoring and remote-sensing applications. In
addition, the rail-to-rail output feature with single- or split-supplies makes this family a great choice when
interfacing with analog-to-digital converters (ADCs). For precision applications, the TLV2422A is available with
a maximum input offset voltage of 950
µV.
If the design requires single operational amplifiers, see the TI TLV2211/21/31. This is a family of rail-to-rail output
operational amplifiers in the SOT-23 package. Their small size and low power consumption, make them ideal
for high density, battery-powered equipment.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Advanced LinCMOS is a trademark of Texas Instruments.
Figure 1
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0
5
2
0
816
24
32
40
IOH – High-Level Output Current – mA
4
1
3
412
20
28
36
TA = 85°C
TA = 125°C
TA = –40°C
TA = 25°C
VDD = 5 V
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLV2422M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2422M TI1-TLV2422M Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422MFK TI-TLV2422MFK Datasheet
621Kb / 35P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422MJG TI-TLV2422MJG Datasheet
621Kb / 35P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422MU TI-TLV2422MU Datasheet
621Kb / 35P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2422M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422 TI-TLV2422 Datasheet
621Kb / 35P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com