Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2442AQDRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2442AQDRQ1
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2442AQDRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2442AQDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2442AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN -
1IN+
VDD+
2IN+
2IN -
2OUT
4OUT
4IN -
4IN+
VDD- /GND
3IN+
3IN -
3OUT
1
2
3
4
8
7
6
5
1OUT
1IN -
1IN +
VDD - /GND
VDD +
2OUT
2IN -
2IN +
TLV
PW PACKAGE
(TOP VIEW)
2444
TLV
D, DGK, OR PW PACKAGE
(TOP VIEW)
2442
TLV2442-Q1
,, TLV2442A-Q1
TLV2444A-Q1
SGLS181C – SEPTEMBER 2003 – REVISED AUGUST 2009........................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
VIOmax
ORDERABLE PART
TA
PACKAGE(2)
TOP-SIDE MARKING
AT 25
=C
NUMBER
SOIC – D
Reel of 2500
TLV2442AQDRQ1
2442AQ
950
µV
Dual
TSSOP – PW
Reel of 2000
TLV2442AQPWRQ1
2442AQ
MSOP – DGK
Reel of 2500
TLV2442QDGKRQ1
OBR
–40°C to 125°C
2.5 mV
Dual
SOIC – D
Reel of 2500
TLV2442QDRQ1
2442Q1
TSSOP – PW
Reel of 2000
TLV2442QPWRQ1
2442Q1
950
µV
Quad
TSSOP – PW
Reel of 2000
TLV2444AQPWRQ1
2444AQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2442-Q1 TLV2442A-Q1 TLV2444A-Q1


Similar Part No. - TLV2442AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442AQDRQ1 TI1-TLV2442AQDRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2442AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com