Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8728-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8728-Q1
Description  LP8728-Q1 Quad-Output Step-Down DC/DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8728-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8728-Q1_14 Datasheet HTML 4Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 5Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 6Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 7Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 8Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 9Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 10Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 11Page - Texas Instruments LP8728-Q1_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
SUPPLY VOLTAGE (V)
+ 125°C
+ 85°C
+ 25°C
- 40°C
C010
15
16
17
18
19
20
21
22
23
24
25
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
SUPPLY VOLTAGE (V)
- 40°C
+ 25°C
+ 125°C
C011
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
OUT2 (A)
+125°C
+25°C
-40°C
C008
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
SUPPLY VOLTAGE (V)
+125°C
+25°C
-40°C
C009
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
OUT1 (A)
+125°C
+25°C
-40°C
C006
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
SUPPLY VOLTAGE (V)
+125°C
+25°C
-40°C
C007
LP8728-Q1
SNVS972B – AUGUST 2013 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise noted, VIN = 5 V, TA = 25°C
Figure 3. Buck1 Load Regulation
Figure 4. Buck1 Line Regulation
Figure 5. Buck2 Load Regulation with 1.25-V Setting
Figure 6. Buck2 Line Regulation with 1.25-V Setting
Figure 7. Shutdown Current Consumption
Figure 8. Active Mode Current Consumption (All Bucks
Active)
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LP8728-Q1


Similar Part No. - LP8728-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
More results

Similar Description - LP8728-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com