Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2373ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2373ID
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2373ID Datasheet(HTML) 1 Page - Texas Instruments

  TLV2373ID Datasheet HTML 1Page - Texas Instruments TLV2373ID Datasheet HTML 2Page - Texas Instruments TLV2373ID Datasheet HTML 3Page - Texas Instruments TLV2373ID Datasheet HTML 4Page - Texas Instruments TLV2373ID Datasheet HTML 5Page - Texas Instruments TLV2373ID Datasheet HTML 6Page - Texas Instruments TLV2373ID Datasheet HTML 7Page - Texas Instruments TLV2373ID Datasheet HTML 8Page - Texas Instruments TLV2373ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
TLV237x 500-µA/Ch, 3-MHz Rail-to-Rail Input and Output
Operational Amplifiers With Shutdown
1
1 Features
1
Rail-to-Rail Input and Output
Wide Bandwidth: 3 MHz
High Slew Rate: 2.4 V/μs
Supply Voltage Range: 2.7 V to 16 V
Supply Current: 550 μA/Channel
Low-Power Shutdown Mode
IDD(SHDN): 25 μA/Channel
Input Noise Voltage: 39 nV/
√Hz
Input Bias Current: 1 pA
Specified Temperature Range:
−40°C to +125°C (Industrial Grade)
Ultra-Small Packaging:
5- or 6-Pin SOT-23 (TLV2370, TLV2371)
8- or 10-Pin MSOP (TLV2372, TLV2373)
2 Applications
White Goods
Handheld Test Equipment
Portable Blood Glucose Systems
Remote Sensing
Active Filters
Industrial Automation
Battery-Powered Electronics
Operational Amplifier
3 Description
The TLV237x single-supply operational amplifiers
provide rail-to-rail input and output capability. The
TLV237x takes the minimum operating supply voltage
down
to
2.7
V
over
the
extended
industrial
temperature range while adding the rail-to-rail output
swing feature. The TLV237x also provides 3-MHz
bandwidth
from
only
550
μA.
The
maximum
recommended supply voltage is 16 V, which allows
the devices to be operated from (±8-V supplies down
to ±1.35 V) a variety of rechargeable cells.
The CMOS inputs enable use in high-impedance
sensor interfaces, with the lower voltage operation
making an ideal alternative for the TLC227x in
battery-powered applications. The rail-to-rail input
stage further increases its versatility. The TLV237x is
the seventh member of a rapidly growing number of
RRIO products available from TI, and it is the first to
allow operation up to 16-V rails with good ac
performance.
All members are available in PDIP and SOIC with the
singles in the small SOT-23 package, duals in the
MSOP, and quads in the TSSOP package.
The 2.7-V operation makes the TLV237x compatible
with Li-Ion powered systems and the operating supply
voltage range of many micro-power microcontrollers
available today including TI’s MSP430.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV237x
PDIP (8)
9.81 mm × 6.35 mm
PDIP (14)
19.30 mm × 6.35 mm
SOIC (8)
4.90 mm × 3.91 mm
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
TSSOP (16)
SOT-23 (6)
2.90 mm × 1.60 mm
SOT-23 (5)
VSSOP (8)
3.00 mm × 3.00 mm
VSSOP (10)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV2373ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2373ID TI-TLV2373ID Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373ID TI-TLV2373ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDG4 TI-TLV2373IDG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGS TI-TLV2373IDGS Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGS TI-TLV2373IDGS Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2373ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com