Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2381IDBV Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2381IDBV
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2381IDBV Datasheet(HTML) 5 Page - Texas Instruments

  TLV2381IDBV Datasheet HTML 1Page - Texas Instruments TLV2381IDBV Datasheet HTML 2Page - Texas Instruments TLV2381IDBV Datasheet HTML 3Page - Texas Instruments TLV2381IDBV Datasheet HTML 4Page - Texas Instruments TLV2381IDBV Datasheet HTML 5Page - Texas Instruments TLV2381IDBV Datasheet HTML 6Page - Texas Instruments TLV2381IDBV Datasheet HTML 7Page - Texas Instruments TLV2381IDBV Datasheet HTML 8Page - Texas Instruments TLV2381IDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLV2381
TLV2382
SLOS377A – SEPTEMBER 2001– REVISED JULY 2003
5
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2, 3
IIB/IIO
Input bias and offset current
vs Free-air temperature
4
VOH
High-level output voltage
vs High-level output current
5, 7, 9
VOL
Low-level output voltage
vs Low-level output current
6, 8, 10
IQ
Quiescent current
vs Supply voltage
11
IQ
Quiescent current
vs Free-air temperature
12
Supply voltage and supply current ramp up
13
AVD
Differential voltage gain and phase shift
vs Frequency
14
GBP
Gain-bandwidth product
vs Free-air temperature
15
φm
Phase margin
vs Load capacitance
16
CMRR
Common-mode rejection ratio
vs Frequency
17
PSRR
Power supply rejection ratio
vs Frequency
18
Input referred noise voltage
vs Frequency
19
SR
Slew rate
vs Free-air temperature
20
VO(PP) Peak-to-peak output voltage
vs Frequency
21
Inverting small-signal response
22
Inverting large-signal response
23
Crosstalk
vs Frequency
24
Figure 1
–2000
–1500
–1000
–500
0
500
1000
1500
2000
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VS = 2.7 V
TA = 25°C
Figure 2
–2000
–1500
–1000
–500
0
500
1000
1500
2000
0
0.5
1
1.5
2 2.5
3 3.5
4
4.5
5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VS = 5 V
TA = 25°C
Figure 3
–2000
–1500
–1000
–500
0
500
1000
1500
2000
–0.2
7.5
15.2
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VS = 15 V
TA = 25°C


Similar Part No. - TLV2381IDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2381IDBVR TI-TLV2381IDBVR Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381IDBVR TI1-TLV2381IDBVR Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381IDBVT TI-TLV2381IDBVT Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381IDBVT TI1-TLV2381IDBVT Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2381IDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
logo
Texas Instruments
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com