Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2372IDGKRG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2372IDGKRG4
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2372IDGKRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2372IDGKRG4 Datasheet HTML 8Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 9Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 10Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 11Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 12Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 13Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 14Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 15Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
12
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VDD = 2.7 V, 5 V, and 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT CHARACTERISTICS
VOH
High-level output voltage
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOH = −1 mA
2.55
2.58
V
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −1 mA
2.48
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOH = −1 mA
4.9
4.93
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −1 mA
4.85
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOH = −1 mA
14.92
14.96
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −1 mA
14.9
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOH = −5 mA
1.9
2
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −5 mA
1.6
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOH = −5 mA
4.6
4.68
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −5 mA
4.5
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOH = −5 mA
14.7
14.8
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −5 mA
14.6
VOL
Low-level output voltage
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOL = 1 mA
0.1
0.15
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 1 mA
0.22
V
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOL = 1 mA
0.05
0.1
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 1 mA
0.15
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOL = 1 mA
0.05
0.08
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 1 mA
0.1
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOL = 5 mA
0.52
0.7
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 5 mA
1.1
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOL = 5 mA
0.28
0.4
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 5 mA
0.5
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOL = 5 mA
0.19
0.3
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 5 mA
0.35
IO
Output current
VDD = 2.7 V,
VO = 0.5 V
from rail
Positive rail
4
mA
Negative rail
5
VDD = 5 V,
VO = 0.5 V
from rail
Positive rail
7
Negative rail
8
VDD = 15 V,
VO = 0.5 V
from rail
Positive rail
16
Negative rail
15


Similar Part No. - TLV2372IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2372IDGKRG4 TI-TLV2372IDGKRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2372IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com