Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV2372IDGKRG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV2372IDGKRG4
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2372IDGKRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV2372IDGKRG4 Datasheet HTML 13Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 14Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 15Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 16Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 17Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 18Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 19Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 20Page - Texas Instruments TLV2372IDGKRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
15
14
12
10
8
6
4
2
0
0
20
40
60
80
100
120
140
160
High-Level Output Current (mA)
V
= 15 V
DD
T = 125 C
A
°
T = 70 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = 40 C
A
-
°
10
100
1 k
10 k
100 k
1 M
10 M
Frequency (Hz)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
V
= 5 V
DD
V
= 2.7 V
DD
V
= 15 V
DD
A = 10
R = 2 k
C = 10 pF
T = 25 C
THD = 5%
V
L
L
A
-
W
°
0
5
10
15
20
25
30
35
40
45
High-Level Output Current (mA)
5
4.50
4
3.50
3
2.50
2
1.50
1
0.50
0
V
= 5 V
CC
T = 125 C
A
°
T = 70 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = 40 C
A
-
°
15
14
12
10
8
6
4
2
0
0
20
40
60
80
100
120
140
160
Low-Level Output Current (mA)
V
= 15 V
DD
T = 125 C
A
°
T = 70 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = 40 C
A
-
°
0
1
2
3
4
5
6
7
8
9
10
11
12
2.80
2.40
2
1.60
1.20
0.80
0.40
0
High-Level Output Current (mA)
V
= 2.7 V
DD
T = 125 C
A
°
T = 70 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = 40 C
A
-
°
5
4.50
4
3.50
3
2.50
2
1.50
1
0.50
0
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
Low-Level Output Current (mA)
V
= 5 V
DD
T = 125 C
A
°
T = 70 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = 40 C
A
-
°
17
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Figure 8. High-Level Output Voltage vs High-Level Output
Current
Figure 9. Low-Level Output Voltage vs Low-Level Output
Current
Figure 10. High-Level Output Voltage vs High-Level Output
Current
Figure 11. Low-Level Output Voltage vs Low-Level Output
Current
Figure 12. High-Level Output Voltage vs High-Level Output
Current
Figure 13. Peak-to-Peak Output Voltage vs Frequency


Similar Part No. - TLV2372IDGKRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV2372IDGKRG4 TI-TLV2372IDGKRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2372IDGKRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
National Semiconductor (TI)
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Texas Instruments
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz