Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV2372IDGKR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV2372IDGKR
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2372IDGKR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2372IDGKR Datasheet HTML 15Page - Texas Instruments TLV2372IDGKR Datasheet HTML 16Page - Texas Instruments TLV2372IDGKR Datasheet HTML 17Page - Texas Instruments TLV2372IDGKR Datasheet HTML 18Page - Texas Instruments TLV2372IDGKR Datasheet HTML 19Page - Texas Instruments TLV2372IDGKR Datasheet HTML 20Page - Texas Instruments TLV2372IDGKR Datasheet HTML 21Page - Texas Instruments TLV2372IDGKR Datasheet HTML 22Page - Texas Instruments TLV2372IDGKR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
0
2
4
6
8
10
12
14
16
Time ( s)
m
3
2
1
0
3
2
1
0
V
= 5 V
V = 3 V
DD
I
PP
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
W
°
V
O
V
I
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Time ( s)
m
V
= 5 V
V = 100 mV
DD
I
PP
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
W
°
V
O
V
I
0.04
0.04
0.12
0.12
0.08
0.08
0
0
0
2
4
6
8
10
12
14
16
18
Time ( s)
m
12
9
6
3
0
12
9
6
3
0
V
= 15 V
V = 9 V
DD
I
PP
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
W
°
V
O
V
I
0
2
4
6
8
10
12
14
16
18
Time ( s)
m
4
3
2
1
0
4
3
2
1
0
V
= 5 V
V = 3 V
DD
I
PP
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
W
°
V
O
V
I
10
100
1000
Capacitive Load (pF)
100
90
80
70
60
50
40
30
20
10
0
V
= 5 V
DD
R = 2 k
T = 25 C
L
A
W
°
A = Open-Loop
V
R
= 0
NULL
R
= 50
NULL
R
= 100
NULL
10
100
100 k
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
V
= 2.7 V, 5 V, 15 V
DD
T = 25 C
A
°
1 k
10 k
19
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Figure 20. Phase Margin vs Capacitive Load
Figure 21. Equivalent Input Noise Voltage vs Frequency
Figure 22. Voltage-Follower Large-Signal Pulse Response
Figure 23. Voltage-Follower Large-Signal Pulse Response
Figure 24. Voltage-Follower Small-Signal Pulse Response
Figure 25. Inverting Large-Signal Response


Similar Part No. - TLV2372IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV2372IDGKR TI-TLV2372IDGKR Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2372IDGKRG4 TI-TLV2372IDGKRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2372IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
National Semiconductor (TI)
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Texas Instruments
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz