Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8501 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 4 Page - Texas Instruments

  LP8501 Datasheet HTML 1Page - Texas Instruments LP8501 Datasheet HTML 2Page - Texas Instruments LP8501 Datasheet HTML 3Page - Texas Instruments LP8501 Datasheet HTML 4Page - Texas Instruments LP8501 Datasheet HTML 5Page - Texas Instruments LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments LP8501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
1
2
3
4
5
E
D
C
B
A
5
4
3
1
E
D
B
2
C
A
Main Display
LP8501
D1
D2
D4
D7
VOUT
COUT
1 2F
C2
0.47 2F
VDD1_6
VDD7_9
GND
TRIG
INT
CIN
1 2F
VIN = 2.7V TO 5.5V
VDD
C1
0.47 2F
C1+
C1-
C2+
C2-
GPO
D3
D8
D6
D5
D9
MCU
SCL
SDA
EN
CLK
VOUT
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
Connection Diagrams
Thin DSBGA 25-bump package, 2.26 x 2.26 x 0.60 mm body size, 0.4 mm pitch, Package Number YFQ0025
Figure 1. Top View
Figure 2. Bottom View
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501


Similar Part No. - LP8501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
   Multi-Purpose 9-Output LED Driver
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
647Kb / 8P
[Old version datasheet]   PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
[Old version datasheet]   PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
More results

Similar Description - LP8501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
   Multi-Purpose 9-Output LED Driver
logo
Texas Instruments
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
[Old version datasheet]   PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
LP5523 TI1-LP5523_16 Datasheet
1Mb / 56P
[Old version datasheet]   LP5523 Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
logo
Linear Technology
LTC3207-1 LINER-LTC3207-1_15 Datasheet
249Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
LTC3207 LINER-LTC3207 Datasheet
243Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
LTC3207 LINER-LTC3207_15 Datasheet
249Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com