Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3131 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLK3131
Description  Single Channel Multi-Rate Transceiver
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3131 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLK3131_15 Datasheet HTML 10Page - Texas Instruments TLK3131_15 Datasheet HTML 11Page - Texas Instruments TLK3131_15 Datasheet HTML 12Page - Texas Instruments TLK3131_15 Datasheet HTML 13Page - Texas Instruments TLK3131_15 Datasheet HTML 14Page - Texas Instruments TLK3131_15 Datasheet HTML 15Page - Texas Instruments TLK3131_15 Datasheet HTML 16Page - Texas Instruments TLK3131_15 Datasheet HTML 17Page - Texas Instruments TLK3131_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
GMII/
RGMII/
TBI/
RTBI
TX
TXD(7:0)
GMII/
RGMII/
TBI/
RTBI
RX
RXD(7:0)
Serial
I/F
Core
MDIO
PRTAD[4:0]
MDIO
MDC
JTAG
TCK
TDI
TMS
TRSTN
TDO
TDP
TDN
1
TXCLK
RXCLK
1
TXC(4,0)
RXC(4,0)
1000Base-XPCS
RDN
RDP
Jitter
Cleaner
PLL
Self
Test
SERDES
Core
TXCLK
TXD[7:0]
8Bit
10-bits
RCLK
REFCLKP
REFCLKN
8b/10b
Decoding
&
SelfTest
Verification/
Reporting
RX
FIFO
/
CTC
RXCLK
RXD(7:0)
TDP0
TDN0
RDP0
RDN0
RCLK
Channel0
Test
mode
8-bits
8b/
10b
enc
TX
FIFO
10-bits
TLK3131
SLLS957A – DECEMBER 2008 – REVISED DECEMBER 2009
www.ti.com
Figure 2-4. TLK3131 Block Diagram
Following is a more detailed block diagram description of the core.
Figure 2-5. Detailed 1000Base-X Core Block Diagram
14
Detailed Description
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK3131


Similar Part No. - TLK3131_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
More results

Similar Description - TLK3131_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com