Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3459 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST3459
Description  CMOS System Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3459 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST3459 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3459 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUMI
CMOS System Reset PST3XXX
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics
Item
Symbol
Rating
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-30~+85
°C
Power supply voltage
VDDmax.
+12
V
Allowable loss
Pd
150
mW
Detection voltage
SOT-25
SC-82
CMOS output
N-ch open drain
CMOS output
N-ch open drain
2.0V±2%
PST3120
PST3220
PST3320
PST3420
2.1V±2%
PST3121
PST3221
PST3321
PST3421
2.2V±2%
PST3122
PST3222
PST3322
PST3422
2.3V±2%
PST3123
PST3223
PST3323
PST3423
2.4V±2%
PST3124
PST3224
PST3324
PST3424
2.5V±2%
PST3125
PST3225
PST3325
PST3425
2.6V±2%
PST3126
PST3226
PST3326
PST3426
2.7V±2%
PST3127
PST3227
PST3327
PST3427
2.8V±2%
PST3128
PST3228
PST3328
PST3428
2.9V±2%
PST3129
PST3229
PST3329
PST3429
3.0V±2%
PST3130
PST3230
PST3330
PST3430
3.1V±2%
PST3131
PST3231
PST3331
PST3431
3.2V±2%
PST3132
PST3232
PST3332
PST3432
3.3V±2%
PST3133
PST3233
PST3333
PST3433
3.4V±2%
PST3134
PST3234
PST3334
PST3434
3.5V±2%
PST3135
PST3235
PST3335
PST3435
3.6V±2%
PST3136
PST3236
PST3336
PST3436
3.7V±2%
PST3137
PST3237
PST3337
PST3437
3.8V±2%
PST3138
PST3238
PST3338
PST3438
3.9V±2%
PST3139
PST3239
PST3339
PST3439
4.0V±2%
PST3140
PST3240
PST3340
PST3440
4.1V±2%
PST3141
PST3241
PST3341
PST3441
4.2V±2%
PST3142
PST3242
PST3342
PST3442
4.3V±2%
PST3143
PST3243
PST3343
PST3443
4.4V±2%
PST3144
PST3244
PST3344
PST3444
4.5V±2%
PST3145
PST3245
PST3345
PST3445
4.6V±2%
PST3146
PST3246
PST3346
PST3446
4.7V±2%
PST3147
PST3247
PST3347
PST3447
4.8V±2%
PST3148
PST3248
PST3348
PST3448
4.9V±2%
PST3149
PST3249
PST3349
PST3449
5.0V±2%
PST3150
PST3250
PST3350
PST3450
5.1V±2%
PST3151
PST3251
PST3351
PST3451
5.2V±2%
PST3152
PST3252
PST3352
PST3452
5.3V±2%
PST3153
PST3253
PST3353
PST3453
5.4V±2%
PST3154
PST3254
PST3354
PST3454
5.5V±2%
PST3155
PST3255
PST3355
PST3455
5.6V±2%
PST3156
PST3256
PST3356
PST3456
5.7V±2%
PST3157
PST3257
PST3357
PST3457
5.8V±2%
PST3158
PST3258
PST3358
PST3458
5.9V±2%
PST3159
PST3259
PST3359
PST3459
6.0V±2%
PST3160
PST3260
PST3360
PST3460
Detection voltage measurement conditions: VDD = 9V
0V, measurement circuit 1
(1) Detection Voltage Table Ta=25°C


Similar Part No. - PST3459

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3459 MITSUMI-PST3459 Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results

Similar Description - PST3459

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-XX PHILIPS-SA56606-XX Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com