Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5990TM-3.0/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5990TM-3.0/NOPB
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5990TM-3.0/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5990TM-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 9Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 10Page - Texas Instruments LP5990TM-3.0/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LP5990
www.ti.com
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified,CIN = COUT = 1.0µF, VIN = VOUT(NOM) + 1.0V, VEN = 1.0V, IOUT = 1mA , T A = 25°C.
Power Supply Rejection ratio
Output Noise Density
Figure 14.
Figure 15.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5990


Similar Part No. - LP5990TM-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP5990TM-3.0/NOPB INTERSIL-LP5990TM-3.0/NOPB Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
More results

Similar Description - LP5990TM-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Intersil Corporation
LP5990 INTERSIL-LP5990 Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com