Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8340ILDX-ADJ Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8340ILDX-ADJ
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8340ILDX-ADJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8340ILDX-ADJ Datasheet HTML 4Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 5Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 6Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 7Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 8Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 9Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 10Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 11Page - Texas Instruments LP8340ILDX-ADJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0.1
100
ILOAD (mA)
0.01
0.1
1
10
1
10
VIN = 10V
VOUT = 1.25V
CIN = 1µF
OVERSHOOT < 5%
COUT = 1µF
COUT = 10µF
COUT = 4.3µF
50µs/DIV
VOUT (2V/DIV)
VIN (0 to 5.0V)
200µs/DIV
VOUT (100mV/DIV)
IOUT (10mA to 1.0A)
200µs/DIV
VOUT (100mV/DIV)
VIN (4.0V to 5.0V)
500
600
700
800
900
1000
ILOAD (mA)
125°C
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
0°C
25°C
600
700
800
900
1000
2.4
2.6
2.8
3.0
3.2
3.4
3.6
ILOAD (mA)
25°C
125°C
0°C
500
LP8340
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VIN = VO + 1.5V, CIN = COUT = 10μF X7R ceramic, TJ = 25°C
LP8340-1.8V Min VIN
LP8340-ADJ Min VIN
Figure 12.
Figure 13.
Load Transient Response
Line Transient Response (ILOAD = 10mA)
Figure 14.
Figure 15.
Start-up Response
Minimum Input Voltage Rise Time
Figure 16.
Figure 17.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP8340


Similar Part No. - LP8340ILDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340ILDX-ADJ NSC-LP8340ILDX-ADJ Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
More results

Similar Description - LP8340ILDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com