Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5990 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5990
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5990 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5990 Datasheet HTML 6Page - Texas Instruments LP5990 Datasheet HTML 7Page - Texas Instruments LP5990 Datasheet HTML 8Page - Texas Instruments LP5990 Datasheet HTML 9Page - Texas Instruments LP5990 Datasheet HTML 10Page - Texas Instruments LP5990 Datasheet HTML 11Page - Texas Instruments LP5990 Datasheet HTML 12Page - Texas Instruments LP5990 Datasheet HTML 13Page - Texas Instruments LP5990 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LP5990
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
www.ti.com
ENABLE CONTROL
The LP5990 may be switched ON or OFF by a logic input at the ENABLE pin, VEN . A high voltage at this pin will
turn the device on. When the enable pin is low, the regulator output is off and the device typically consumes 3
nA. If the application does not require the shutdown feature, the VEN pin should be tied to VIN to keep the
regulator output permanently on.
The signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off
voltage thresholds listed in the Electrical Characteristics section under VIL and VIH.
DSBGA MOUNTING
The DSBGA package requires specific mounting techniques, which are detailed in TI Application Note AN-1112
(SNVA009).
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA LIGHT SENSITIVITY
Exposing the DSBGA device to direct light may cause incorrect operation of the device. Light sources such as
halogen lamps can affect electrical performance if they are situated in proximity to the device.
Light with wavelengths in the red and infra-red part of the spectrum have the most detrimental effect thus the
fluorescent lighting used inside most buildings has very little effect on performance.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5990


Similar Part No. - LP5990

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP5990 INTERSIL-LP5990 Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Intersil Corporation
LP5990TM-1.2/NOPB INTERSIL-LP5990TM-1.2/NOPB Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
LP5990TM-1.3/NOPB INTERSIL-LP5990TM-1.3/NOPB Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
LP5990TM-1.8/NOPB INTERSIL-LP5990TM-1.8/NOPB Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
More results

Similar Description - LP5990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Intersil Corporation
LP5990 INTERSIL-LP5990 Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com