Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2362IPWLE Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2362IPWLE
Description  HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2362IPWLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2362IPWLE Datasheet HTML 4Page - Texas Instruments TLV2362IPWLE Datasheet HTML 5Page - Texas Instruments TLV2362IPWLE Datasheet HTML 6Page - Texas Instruments TLV2362IPWLE Datasheet HTML 7Page - Texas Instruments TLV2362IPWLE Datasheet HTML 8Page - Texas Instruments TLV2362IPWLE Datasheet HTML 9Page - Texas Instruments TLV2362IPWLE Datasheet HTML 10Page - Texas Instruments TLV2362IPWLE Datasheet HTML 11Page - Texas Instruments TLV2362IPWLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLV2361, TLV2362
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS195H − FEBRUARY 1997 − REVISED JUNE 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 5
3
2
1
0
1 k
10 k
100 k
4
f − Frequency − Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
5
1 M
10 M
VCC± = ±2.5 V
TA = 25°C
RL = 10 kΩ
VCC± = ±1.5 V
Figure 6
40
20
10
0
50
30
10
100
1 k
10 k
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VCC± = ±2.5 V
TA = 25°C
RS = 100 Ω
Figure 7
1
0.1
0.01
0.001
020
40
10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
60
80
AV = 100
100
AV = 10
AV = 1
VCC± = ±2.5 V
RS = 10 kΩ
RL = 10 kΩ
VO = ±1.2 V
Figure 8
0.1
0.01
0.001
0.0001
0
0.5
1
1
TOTAL HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
1.5
2
20 kHz
1 kHz
20 Hz
VCC± = ±3 V
RS = 10 kΩ
RL = 4 kΩ
AV = 10 V
VO(rms) − Output Voltage − V


Similar Part No. - TLV2362IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2362IPWLE TI-TLV2362IPWLE Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2362IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI-TLV2361_03 Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com