Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2362IDGKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2362IDGKRG4
Description  HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2362IDGKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2362IDGKRG4 Datasheet HTML 1Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 2Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 3Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 4Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 5Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 6Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 7Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 8Page - Texas Instruments TLV2362IDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLV2361, TLV2362
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS195H − FEBRUARY 1997 − REVISED JUNE 2007
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TLV2361 and TLV2362 electrical characteristics, VCC± = ±2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
0
V
0
25
°C
1
6
mV
VIO
Input offset voltage
VO = 0,
VIC = 0
Full range
7.5
mV
I
Input offset current
V
0
V
0
25
°C
5
100
nA
IIO
Input offset current
VO = 0,
VIC = 0
Full range
150
nA
I
Input bias current
V
0
V
0
25
°C
20
150
nA
IIB
Input bias current
VO = 0,
VIC = 0
Full range
250
nA
V
Common-mode input
|V |
≤ 75mV
25
°C
±1.5
V
VIC
Common mode input
voltage
|VIO| ≤ 7.5 mV
Full range
±1.4
V
V
Maximum positive-peak
RL = 10 kΩ
25
°C
2
2.4
V
VOM+
Maximum positive peak
output voltage
RL ≥ 10 kΩ
Full range
2
V
V
Maximum negative-peak
RL = 10 kΩ
25
°C
−2
−2.4
V
VOM−
Maximum negative peak
output voltage
RL ≥ 10 kΩ
Full range
−2
V
I
Supply current
V
0
No load
25
°C
1.75
2.5
mA
ICC
Supply current
(per amplifier)
VO = 0,
No load
Full range
3
mA
A
Large-signal differential
V
±1V
R
10 k
TLV2361
25
°C
60
80
dB
AVD
Large signal differential
voltage amplification
VO = ±1 V,
RL = 10 kΩ
TLV2362
25
°C
60
dB
CMRR
Common-mode rejection
ratio
VIC = ±0.5 V
25
°C
85
dB
kSVR
Supply-voltage rejection
ratio
VCC± = ±1.5 V to ±2.5 V
25
°C
80
dB
TLV2361 and TLV2362 operating characteristics, VCC± = ±2.5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate
AV = 1,
VI = ±0.5 V
3
V/
µs
B1
Unity-gain bandwidth
AV = 40,
RL = 10 kΩ,
CL = 100 pF
7
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω,
RF = 10 kΩ,
f = 1 kHz
8
nV/
√Hz
THD + N
Total harmonic distortion, plus noise
AV = 1,
VO = ±1.2 V,
RL = 10 kΩ, f = 3 kHz
0.004
%


Similar Part No. - TLV2362IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2362IDGKRG4 TI-TLV2362IDGKRG4 Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2362IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI-TLV2361_03 Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com