Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT2-273-2.4L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DMT2-273-2.4L
Description  Output Power Chokes ??Toroid Styles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DMT2-273-2.4L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DMT2-273-2.4L Datasheet HTML 1Page - Coilcraft lnc. DMT2-273-2.4L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Output Power Chokes – Toroid Styles
Document 139-1
Document 139-1 Revised 08/15/12
The DMT power inductors are designed primarily for use
as output chokes in switching power supplies. The toroid
core design offers the highest inductance values in the
smallest part size, while minimizing external magnetic
fields.
Inductance values range from 7 µH to over 1.4 mH with
current ratings as high as 12 Amps.
These parts are ideal for any application requiring a high
DC current bias. They are well suited for use in switch-
mode power supplies and can be used as ripple filters
and differential mode EMI filters.
• Industry standard footprint.
• UL1446 Class B (130°C) Insulation System (UL File E83628)
• All plastic material UL94V-0.
1
1
1
0.063
1,6
Schematic
Recommended
Board Layout
L max
W max
(pin 2)
2
2
2
X
Y
for mounting
stability
4
4
2
4
Z
V
Z
0.120/0.180
3,05/4,57
0.052
1,32
0.052
1,32
H max
DMT1 Series
L1
Current
DCR
SRF
Part
min
rating
max
typ
H
L
W
X
Y
Z
V
number
(µH)
(A)
(Ohms) (MHz)
max
max
max
±0.01/0,25 ±0.01/0,25 pins 1 & 4 pins 1 & 4
DMT1-7-10L
7
10.0
0.01
28.8
1.1/27,9 1.3/33,0 0.7/17,8
0.80/20,3
0.40/10,2
0.052/1,32 0.063/1,60
DMT1-16-6.7L
16
6.7
0.02
16.6
1.1/27,9 1.3/33,0 0.7/17,8
0.80/20,3
0.40/10,2
0.041/1,04 0.052/1,32
DMT1-26-5.1L
26
5.1
0.04
11.5
1.1/27,9 1.3/33,0 0.7/17,8
0.80/20,3
0.40/10,2
0.052/1,32 0.063/1,60
DMT1-43-3.8L
43
3.8
0.07
7.28
1.1/27,9 1.3/33,0 0.7/17,8
0.80/20,3
0.40/10,2
0.052/1,32 0.063/1,60
DMT1-84-2.4L
84
2.4
0.14
4.37
1.1/27,9 1.3/33,0 0.7/17,8
0.80/20,3
0.40/10,2
0.052/1,32 0.063/1,60
DMT1-180-1.5L 180
1.5
0.29
1.92
1.1/27,9 1.3/33,0 0.7/17,8
0.80/20,3
0.40/10,2
0.052/1,32 0.063/1,60
1. Minimum inductance at rated current.Tested at 15.75 kHz, 10 Gauss level.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
Terminations: Tin-silver over copper
Weight
DMT1 series: 13.0 – 16.4 g
DMT2 series: 48.7 – 56.3 g
DMT3 series: 90.2 – 100.5 g


Similar Part No. - DMT2-273-2.4L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT2-20-12L COILCRAFT-DMT2-20-12L Datasheet
348Kb / 2P
   Output Power Chokes - Toroid Styles
More results

Similar Description - DMT2-273-2.4L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT2-20-12L COILCRAFT-DMT2-20-12L Datasheet
348Kb / 2P
   Output Power Chokes - Toroid Styles
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
logo
Rhombus Industries Inc.
L-11782F RHOMBUS-IND-L-11782F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11781F RHOMBUS-IND-L-11781F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11780F RHOMBUS-IND-L-11780F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11759 RHOMBUS-IND-L-11759 Datasheet
17Kb / 1P
   Small Toroid RF Chokes
logo
Allied Components Inter...
TC220HT ALLIED-TC220HT Datasheet
1Mb / 1P
   Toroid Chokes High Temp
logo
Rhombus Industries Inc.
L-11714 RHOMBUS-IND-L-11714 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
logo
ice Components, Ins.
I04-4R7-3R3 ICE-I04-4R7-3R3_08 Datasheet
305Kb / 2P
   Output Power Chokes
I04-4R7-3R3 ICE-I04-4R7-3R3 Datasheet
221Kb / 2P
   Output Power Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com