Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1590 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SR1590
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR1590 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SR1590 Datasheet HTML 1Page - Diode Semiconductor Korea SR1590 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
10.2± 0.2
PIN
0.9± 0.1
5.0± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
φ 3.8± 0.15
FEATURES
MECHANICAL DATA
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Working peak reverse voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
v
(See FIG.1)
IF(AV)
A
Peak forw ard surge current 8.3 ms single half
c sine-w ave superimposed on rated load
c (JEDEC Method)
@T
J=125
IFSM
A
Maximum instantaneous forw ard voltage per leg
c
c @ 15A (Note1)
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Operating junction temperature range
T
J
Storage temperature range
T
STG
SR1570---SR15A0
70
70
80
90
100
SR
1580
Polarity: As marked
TO-220AC
SCHOTTKY BARRIER RECTIFIERS
-55 --- + 150
Metal-semiconductor junction with guard ring
Weight: 0.08ounce, 2.24 grams
SR
1590
SR
15A0
70
50.0
The plastic material carries U/L recognition 94V-0
Epitaxial construction
-55 --- + 150
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
56
63
mA
IR
200
0.85
0.80
0.5
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
Low forward voltage drop,low switching losses
Case:JEDEC TO--220AC,molded plastic
Terminals: Plated leads, solderable per MIL-STD-111
111
750, Method 2026
High surge capability
SR
1570
15.0
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Ratings at 25
ambient temperature unless otherwise specified.
80
90
100
49
REVERSE VOLTAGE: 70 - 100 V
FORWARD CURRENT: 15 A
Typical thermal resistance to case
RθJC
2.5
/W
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SR1590

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SR1590C CHENDA-SR1590C Datasheet
175Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shunye Enterprise
SR1590C SHUNYE-SR1590C Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1590

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com