Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1520CT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SR1520CT
Description  DUAL SCHOTTKY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR1520CT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SR1520CT Datasheet HTML 1Page - Diode Semiconductor Korea SR1520CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
10.2± 0.2
φ 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
FEATURES
MECHANICAL DATA
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SR
1560CT
UNITS
Maximum recurrent peak reverse voltage
VRRM
60
V
Working peak reverse voltage
VRMS
42
V
Maximum DC blocking voltage
VDC
60
V
Maximum average forw ard rectified current
h
@ T
A=100
IF(AV)
A
Peak forw ard surge current 8.3 ms single half
b
sine-w ave superimposed on rated load
v
(JEDEC Method) @T
A =125
IFSM
A
Maximum instantaneous forw ard voltage per leg
h
@ 7.5A (Note1)
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Operating junction temperature range
TJ
Storage temperature range
TSTG
REVERSE VOLTAGE: 20 - 60 V
FORWARD CURRENT: 15 A
50.0
SR1520CT-SR1560CT
15.0
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Ratings at 25
ambient temperature unless otherwise specified.
30
40
50
High surge capability
14
200.0
0.75
0.65
TO-220AB
1.0
DUAL SCHOTTKY RECTIFIERS
The plastic material carries U/L recognition 94V-0
Epitaxial construction
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
Low forward voltage drop,low switching losses
Case:JEDEC TO--220AB,molded plastic
Terminals: Plated leads, solderable per MIL-STD-111
111 202, Method 208
-55 --- +150
Metal-Semiconductor junction with guard ring
Weight: 0.08 ounce, 2.24 grams
SR
1540CT
SR
1550CT
20
IR
SR
1520CT
SR
1530CT
Polarity: As marked
-55 --- +150
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
21
28
35
20
30
40
50
mA
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SR1520CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1520CT BILIN-SR1520CT Datasheet
94Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR1520CT LUGUANG-SR1520CT Datasheet
208Kb / 2P
   Dual Schottky Rectifiers
More results

Similar Description - SR1520CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
   Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1020CT DSK-SR1020CT Datasheet
113Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com