Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2352MJG Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2352MJG
Description  LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2352MJG Datasheet(HTML) 1 Page - Texas Instruments

  TLV2352MJG Datasheet HTML 1Page - Texas Instruments TLV2352MJG Datasheet HTML 2Page - Texas Instruments TLV2352MJG Datasheet HTML 3Page - Texas Instruments TLV2352MJG Datasheet HTML 4Page - Texas Instruments TLV2352MJG Datasheet HTML 5Page - Texas Instruments TLV2352MJG Datasheet HTML 6Page - Texas Instruments TLV2352MJG Datasheet HTML 7Page - Texas Instruments TLV2352MJG Datasheet HTML 8Page - Texas Instruments TLV2352MJG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TLV2352, TLV2352Y
LinCMOS
™ DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS011B – MAY 1992 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Range of Supply Voltages
2 V to 8 V
D Fully Characterized at 3 V and 5 V
D Very-Low Supply-Current Drain
120
µA Typ at 3 V
D Output Compatible With TTL, MOS, and
CMOS
D Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
D High Input Impedance ...1012 Ω Typ
D Extremely Low Input Bias Current
5 pA Typ
D Common-Mode Input Voltage Range
Includes Ground
D Built-In ESD Protection
description
The TLV2352 consists of two independent,
low-power comparators specifically designed for
single power-supply applications and operates
with power-supply rails as low as 2 V. When
powered from a 3-V supply, the typical supply
current is only 120
µA.
The TLV2352 is designed using the Texas Instruments LinCMOS
™ technology and therefore features an
extremely high input impedance (typically greater than 1012
Ω), which allows direct interfacing with
high-impedance sources. The outputs are N-channel open-drain configurations that require an external pullup
resistor to provide a positive output voltage swing, and they can be connected to achieve positive-logic
wired-AND relationships. The TLV2352I is fully characterized at 3 V and 5 V for operation from – 40
°C to 85°C.
The TLV2352M is fully characterized at 3 V and 5 V for operation from – 55
°C to 125°C.
The TLV2352 has internal electrostatic-discharge (ESD)-protection circuits and has been classified with a
1000-V ESD rating using Human Body Model testing. However, care should be exercised in handling this device
as exposure to ESD may result in degradation of the device parametric performance.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIO max
at 25
°C
SMALL
OUTLINE
(D)†
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)‡
PLASTIC
DIP
(U)
CHIP
FORM
(Y)
–40
°C to
85
°C
5 mV
TLV2352ID
TLV2352IP
TLV2352IPWLE
TLV2352Y
–55
°C to
125
°C
5 mV
TLV2352MFK
TLV2352MJG
TLV2352MU
TLV2352Y
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLV2352IDR).
‡ The PW packages are only available left-ended taped and reeled (e.g., TLV2352IPWLE)
These devices have limited built-in protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.
OUT
IN +
IN –
symbol (each comparator)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLV2352MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352MJG TI-TLV2352MJG Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2352MJGB TI-TLV2352MJGB Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV2352MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com