Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2344ID Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2344ID
Description  LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2344ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2344ID Datasheet HTML 2Page - Texas Instruments TLV2344ID Datasheet HTML 3Page - Texas Instruments TLV2344ID Datasheet HTML 4Page - Texas Instruments TLV2344ID Datasheet HTML 5Page - Texas Instruments TLV2344ID Datasheet HTML 6Page - Texas Instruments TLV2344ID Datasheet HTML 7Page - Texas Instruments TLV2344ID Datasheet HTML 8Page - Texas Instruments TLV2344ID Datasheet HTML 9Page - Texas Instruments TLV2344ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TLV2342, TLV2342Y, TLV2344, TLV2344Y
LinCMOS
™ LOW-VOLTAGE HIGH-SPEED
OPERATIONAL AMPLIFIERS
SLOS194 – FEBRUARY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2342I electrical characteristics at specified free-air temperature
TLV2342I
PARAMETER
TEST CONDITIONS
TA†
VDD = 3 V
VDD = 5 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VO =1V
VIC =1V
25
°C
06
9
11
9
VIO
Input offset voltage
VO = 1 V,
RS =50 Ω
VIC = 1 V,
25
°C
0.6
9
1.1
9
mV
VIO
Input offset voltage
RS = 50 Ω,
R10 k
Full range
11
11
mV
RL = 10 kΩ
Full range
11
11
αVIO
Average temperature
coefficient of input offset
25
°C to
27
27
µV/°C
αVIO
coefficient of input offset
voltage
85
°C
2.7
2.7
µV/°C
IIO
Input offset current
VO =1V
VIC =1V
25
°C
0.1
0.1
pA
IIO
(see Note 4)
VO = 1 V,
VIC = 1 V
85
°C
22
1000
24
1000
pA
IIB
Input bias current (see Note 4)
VO =1V
VIC =1V
25
°C
0.6
0.6
pA
IIB
Input bias current (see Note 4)
VO = 1 V,
VIC = 1 V
85
°C
175
2000
200
2000
pA
– 0.2
– 0.3
– 0.2
– 0.3
25
°C
to
to
to
to
V
VICR
Common-mode input voltage
2
2.3
4
4.2
VICR
g
range (see Note 5)
– 0.2
– 0.2
Full range
to
to
V
g
1.8
3.8
VIC =1V
25
°C
175
19
32
37
V
High level output voltage
VIC = 1 V,
V
100 mV
25
°C
1.75
1.9
3.2
3.7
V
VOH
High-level output voltage
VID = 100 mV,
IOH = – 1 mA
Full range
1.7
3
V
VIC =1V
25
°C
120
150
90
150
V
Low level output voltage
VIC = 1 V,
V
100 mV
25
°C
120
150
90
150
mV
VOL
Low-level output voltage
VID = – 100 mV,
IOL = 1 mA
Full range
190
190
mV
VIC =1V
25
°C
3
11
5
23
A
Large-signal differential
VIC = 1 V,
R10 k
25
°C
3
11
5
23
V/mV
AVD
gg
voltage amplification
RL = 10 kΩ,
See Note 6
Full range
2
3.5
V/mV
VO =1V
25
°C
65
78
65
80
CMRR
Common mode rejection ratio
VO = 1 V,
V C V C min
25
°C
65
78
65
80
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
60
60
dB
S
l
lt
j
ti
ti
V1 V
V1 V
25
°C
70
95
70
95
kSVR
Supply-voltage rejection ratio
VIC = 1 V,
VO = 1 V,
25
°C
70
95
70
95
dB
kSVR
yg
j
(
∆VDD/∆VIO)
IC
RS = 50 Ω
O
Full range
65
65
dB
V1 V
V1 V
25
°C
065
3
14
32
IDD
Supply current
VO = 1 V,
VIC = 1 V,
25
°C
0.65
3
1.4
3.2
mA
IDD
Su
ly current
O
No load
IC
Full range
4
4.4
mA
† Full range is – 40
°C to 85°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA are determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 3 V, VO = 0.5 V to 1.5 V.


Similar Part No. - TLV2344ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2344ID TI-TLV2344ID Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2344ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com