Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2264-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2264-Q1
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2264-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2264-Q1 Datasheet HTML 1Page - Texas Instruments TLV2264-Q1 Datasheet HTML 2Page - Texas Instruments TLV2264-Q1 Datasheet HTML 3Page - Texas Instruments TLV2264-Q1 Datasheet HTML 4Page - Texas Instruments TLV2264-Q1 Datasheet HTML 5Page - Texas Instruments TLV2264-Q1 Datasheet HTML 6Page - Texas Instruments TLV2264-Q1 Datasheet HTML 7Page - Texas Instruments TLV2264-Q1 Datasheet HTML 8Page - Texas Instruments TLV2264-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
| IOH | − High-Level Output Current − µ A
2
1
0.5
0
0
500
1000
3
3.5
4
1500
2000
2.5
1.5
TA = −55°C
VDD = 3 V
TA = 85°C
TA = −40°C
TA = 125°C
TA = 25°C
TLV2262A-Q1, TLV2264A-Q1
SGLS193 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 1.
The TLV226x, exhibiting high input impedance and low noise, are excellent for small-signal conditioning for
high-impedance sources, such as piezoelectric transducers. Because of the micropower dissipation levels
combined with 3-V operation, these devices work well in hand-held monitoring and remote-sensing applications.
In addition, the rail-to-rail output feature with single or split supplies makes this family a great choice when
interfacing with analog-to-digital converters (ADCs). For precision applications, the TLV226xA family is available
and has a maximum input offset voltage of 950
µV.
The TLV2262/4 also makes great upgrades to the TLV2332/4 in standard designs. They offer increased output
dynamic range, lower noise voltage and lower input offset voltage. This enhanced feature set allows them to be
used in a wider range of applications. For applications that require higher output drive and wider input voltage
range, see the TLV2432 and TLV2442 devices. If your design requires single amplifiers, please see the
TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23 package. Their
small size and low power consumption make them ideal for high density, battery-powered equipment.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TSSOP – PW (8 pin)
Reel of 2000
TLV2262AQPWRQ1
TQ262A
–40°C to 125°C
TSSOP – PW (14 pin)
Reel of 2000
TLV2264AQPWRQ1
P2264AQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLV2262A-Q1 TLV2264A-Q1


Similar Part No. - TLV2264-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2264-Q1 TI1-TLV2264-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2264-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com