Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5GC Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RS5GC
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RS5GC Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RS5GC Datasheet HTML 1Page - Diode Semiconductor Korea RS5GC Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.9± 0.25
1.
3± 0. 25
7.8± 0. 2
0.25± 0.06
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRWS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forword rectified current at
c TL=90
OC
IF(AV)
Peak forward surge current 8.3ms
c single half-sine-wave superimposed on rated
c load
IFSM
A
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum DC reverse current
@TA=25
oC
at rated DC blockjing voltage
@TA=125
oC
Maximum reverse recovery time (NOTE 1)
trr
250
ns
Typical junction capacitance (NOTE 2)
CJ
pF
JA
Operating junction and storage temperature range
TJTSTG
oC
32
1000
700
1000
150
150
Low profile package
Polarity: color band denotes cathode end
Weight: 0.007 ounces, 0.21 gram
Glass passivated chip junction
35
oC/W
RS5AC RS5BC RS5DC RS5GC RS5JC RS5KC RS5MC
High temperature soldering:
111 250
oC/10 seconds at terminals
5.0
70
500
Plastic package has underwriters laborator
111
flammability classification 94V-0
DO - 214AB(SMC)
Typical thermal resitance (NOTE 3)
3. Thermal resistance from junction to ambient and junction to lead P.C.B.mounted on 0.2''X0.2''(5.0X5.0mm
2)copper pad areas
For surface mounted applications
UNITS
50
100
NOTE: 1.Reverse recoverytime test conditions:IF=0.5A,IR=1.0A,Irr=0.25A
RS5AC---RS5MC
2. Measured at 1.0MHzand applied reverse voltage of 4.0 Volts
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 5.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AB,molded plastic over
1111passivated chip
SURFACE MOUNT RECTIFIERS
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
50
100
200
1.3
-55--------+150
5.0
IR
Dimensions in millimeters
22
R
A
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - RS5GC

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RS5GC BILIN-RS5GC Datasheet
72Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
RS5GC LUGUANG-RS5GC Datasheet
174Kb / 2P
   Surface Mount Rectifiers
logo
SUNMATE electronic Co.,...
RS5GC SUNMATE-RS5GC Datasheet
524Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RS5GC BILIN-RS5GC Datasheet
163Kb / 3P
   Surface Mount Rectifiers
RS5GC BILIN-RS5GC Datasheet
566Kb / 4P
   Fast Recovery Rectifier
More results

Similar Description - RS5GC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com