Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO3010-223MLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPO3010-223MLD
Description  SMT Power Inductors - LPO3010
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO3010-223MLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPO3010-223MLD Datasheet HTML 1Page - Coilcraft lnc. LPO3010-223MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors - LPO3010 Series
Document 399-2
Document 399-2 Revised 02/25/09
Typical L vs Current
0.1
1
10
100
0.01
0.1
110
Current (A)
1.0 µH
4.7 µH
22 µH
47 µH
2.2 µH
10 µH
0.118 ±0.008
3,0 ±0,2
0.130
3,30
0.040
1,02
0.025
0,64
0.045
1,16
0.020
0,51
0.130
3,30
0.118 ±0.008
3,0 ±0,2
0.039 ±0.004
1,0 ±0,1
Recommended
Land Pattern
0.035
0,89
Winding
direction
Dash
number
Internal
code
123X
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
Typical ESR vs Frequency
0.01
0.1
100
10
1
0.1
1
10
100
1000
Frequency (MHz)
1µH
2.2 µH
4.7 µH
10 µH
22 µH
47 µH
Typical L vs Frequency
0.1
1
10
100
0.01
0.1
10
1
Frequency (MHz)
1µH
2.2 µH
22 µH
47 µH
10 µH
4.7 µH
Dimensions are in
inches
mm


Similar Part No. - LPO3010-223MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO3010-223ML COILCRAFT-LPO3010-223ML Datasheet
213Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO3010-223MLD

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com