Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVx369 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLVx369
Description  Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVx369 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLVx369 Datasheet HTML 2Page - Texas Instruments TLVx369 Datasheet HTML 3Page - Texas Instruments TLVx369 Datasheet HTML 4Page - Texas Instruments TLVx369 Datasheet HTML 5Page - Texas Instruments TLVx369 Datasheet HTML 6Page - Texas Instruments TLVx369 Datasheet HTML 7Page - Texas Instruments TLVx369 Datasheet HTML 8Page - Texas Instruments TLVx369 Datasheet HTML 9Page - Texas Instruments TLVx369 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
TLV369, TLV2369
SBOS757 – MAY 2016
www.ti.com
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Electrical Characteristics
VS (total supply voltage) = 1.8 V to 5.5 V; at TA = 25°C, and RL = 100 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
At TA= 25°C
0.4
2
mV
At TA = –40°C to +85°C
0.85
dVOS/dT
Drift
At TA = –40°C to +85°C
0.5
μV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 V to 5.5 V
80
94
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
V–
V+
V
CMRR
Common-mode rejection ratio
(V–)
≤ VCM ≤ (V+)
80
110
dB
INPUT BIAS CURRENT
IB
Input bias current
At TA= 25°C
10
pA
At TA= –40°C to +85°C
See Figure 8
IOS
Input offset current
10
pA
INPUT IMPEDANCE
ZID
Differential
1013 || 3
Ω || pF
ZIC
Common-mode
1013 || 6
Ω || pF
NOISE
En
Input voltage noise
f = 0.1 Hz to 10 Hz
4
μVPP
en
Input voltage noise density
f = 1 kHz
300
nV/
√Hz
in
Input current noise density
f = 1 kHz
1
fA/
√Hz
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
At VS = 5.5 V, 100 mV ≤ VO ≤ (V+) – 100 mV,
RL = 100 kΩ
130
dB
At VS = 5.5 V, 500 mV ≤ VO ≤ (V+) – 500 mV,
RL = 10 kΩ
80
120
OUTPUT
VO
Voltage output swing from rail
RL = 10 kΩ
25
mV
ISC
Short-circuit current
10
mA
CLOAD
Capacitive load drive
See Figure 10
FREQUENCY RESPONSE
GBP
Gain bandwidth product
12
kHz
SR
Slew rate
G = 1
0.005
V/µs
tOR
Overload recovery time
VIN × gain = VS
250
µs
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current
IO = 0 mA, at VS = 5.5 V
800
1300
nA
TEMPERATURE
Specified range
–40
85
°C
TA
Operating range
–40
125
°C


Similar Part No. - TLVx369

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVX365 TI-TLVX365 Datasheet
1Mb / 26P
[Old version datasheet]   TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
TLVX365 TI1-TLVX365 Datasheet
2Mb / 34P
[Old version datasheet]   TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
TLVX365 TI-TLVX365 Datasheet
2Mb / 31P
[Old version datasheet]   TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED SEPTEMBER 2023
TLVX365-Q1 TI-TLVX365-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
JUNE 2023
TLVX365-Q1 TI1-TLVX365-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
DECEMBER 2023
More results

Similar Description - TLVx369

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com