Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9089601M2A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9089601M2A
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9089601M2A Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9089601M2A Datasheet HTML 7Page - Texas Instruments 5962-9089601M2A Datasheet HTML 8Page - Texas Instruments 5962-9089601M2A Datasheet HTML 9Page - Texas Instruments 5962-9089601M2A Datasheet HTML 10Page - Texas Instruments 5962-9089601M2A Datasheet HTML 11Page - Texas Instruments 5962-9089601M2A Datasheet HTML 12Page - Texas Instruments 5962-9089601M2A Datasheet HTML 13Page - Texas Instruments 5962-9089601M2A Datasheet HTML 14Page - Texas Instruments 5962-9089601M2A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
11
www.ti.com
TLE20x7M operating characteristics at specified free-air temperature, VCC ± = ±15 V, TA = 25°C
(unless otherwise specified)
PARAMETER
TEST CONDITIONS
TLE20x7M
TLE20x7AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
RL = 2 kΩ,
C
100 pF
TLE2027
1.7
2.8
1.7
2.8
CL = 100 pF,
See Figure 1
TLE2037
6*
7.5
6*
7.5
SR
Slew rate at unity gain
RL = 2 kΩ,
CL = 100 pF,
TLE2027
1
1
V/μs
CL = 100 pF,
TA = −55°C to 125°C,
See Figure 1
TLE2037
4.4*
4.4*
V
Equivalent input noise
RS = 20 Ω,
f = 10 Hz
3.3
8*
3.3
8*
nV/√Hz
Vn
Equivalent input noise
voltage (see Figure 2)
RS = 20 Ω,
f = 1 kHz
2.5
4*
2.5
4*
nV/√Hz
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
225
375*
225
375*
nV
I
Equivalent input noise
f = 10 Hz
25
25
pA/√Hz
In
Equivalent input noise
current
f = 1 kHz
2.5
2.5
pA/√Hz
THD
Total harmonic distortion
VO = +10 V,
AVD = 1,
See Note 5
TLE2027
< 0.002%
< 0.002%
THD
Total harmonic distortion
VO = +10 V,
AVD = 5,
See Note 5
TLE2037
< 0.002%
< 0.002%
B
Unity-gain bandwidth
RL = 2 kΩ,
TLE2027
7*
13
9*
13
MHz
B1
Unity gain bandwidth
(see Figure 3)
RL = 2 kΩ,
CL = 100 pF
TLE2037
35
50
35
50
MHz
B
Maximum output-swing
R
2 kΩ
TLE2027
30
30
kHz
BOM
Maximum output swing
bandwidth
RL = 2 kΩ
TLE2037
80
80
kHz
φ
Phase margin at unity
RL = 2 kΩ,
TLE2027
55
°
55
°
φm
Phase margin at unity
gain (see Figure 3)
RL 2 kΩ,
CL = 100 pF
TLE2037
50
°
50
°
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
NOTE 5: Measured distortion of the source used in the analysis was 0.002%.


Similar Part No. - 5962-9089601M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9089601M2A TI1-5962-9089601M2A Datasheet
994Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
5962-9089601M2A TI1-5962-9089601M2A Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9089601M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
[Old version datasheet]   EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X Datasheet
1Mb / 70P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-Q1 TI1-TLE2141-Q1 Datasheet
267Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com