Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1161P-42TE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT1161P-42TE13
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161P-42TE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT1161P-42TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT1161P-42TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
CAT1161/2
Doc. No. 3002, Rev. D
Immediate/Current Address Read
The CAT1161/2 address counter contains the address
of the last byte accessed, incremented by one. In other
words, if the last READ or WRITE access was to
address N, the READ immediately following would access
data from address N+1. For all devices, N=E=2047. The
counter will wrap around to Zero and continue to clock
out valid data for the 16K devices. After the CAT1161/
2 receives its slave address information (with the R/
W bit
set to one), it issues an acknowledge, then transmits the
8-bit byte requested. The master device does not send
an acknowledge, but will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condition,
slave address and byte addresses of the location it
wishes to read. After the CAT1161/2 acknowledges, the
Master device sends the START condition and the slave
address again, this time with the R/
W bit set to one. The
CAT1161/2 then responds with its acknowledge and
sends the 8-bit byte requested. The master device does
not send an acknowledge but will generate a STOP
condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT1161/2 sends the inital 8-bit
byte requested, the Master will responds with an
acknowledge which tells the device it requires more
data. The CAT1161/2 will continue to output an 8-bit
byte for each acknowledge, thus sending the STOP
condition.
The data being transmitted from the CAT1161/2 is
outputted sequentially with data from address N followed
by data from address N+1. The READ operation address
counter increments all of the CAT1161/2 address bits
so that the entire memory array can be read during one
operation. If more than E (where E=2047 for the
CAT1161/162) bytes are read out, the counter will ‘wrap
around’ and continue to clock out data bytes.
Manual Reset Operation
The CAT116x RESET or
RESET pin can also be used
as a manual reset input.
Only the “active” edge of the manual reset input is
internally sensed. The positive edge is sensed if RESET
is used as a manual reset input and the negative edge
is sensed if
RESET is used as a manual reset input.
An internal counter starts a 200 ms count. During this
time, the complementary reset output will be kept in the
active state. If the manual reset input is forced active for
more than 200 ms, the complementary reset output will
switch back to the non active state after the 200 ms
expired, regardless for how long the manual reset input
is forced active.
The embedded EEPROM is disabled as long as a reset
condition is maintained on any RESET pin. If the external
forced RESET/
RESET is longer than internal controlled
time-out period, tPURST, the memory will not respond
with an acknowledge for any access as long as the
manual reset input is active.
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
Figure 10. Selective Read Timing


Similar Part No. - CAT1161P-42TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

Similar Description - CAT1161P-42TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com