Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-051134KI1T Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC557-051134KI1T
Description  Crystal-less??Four Output PCIe Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-051134KI1T Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC557-051134KI1T Datasheet HTML 1Page - Micrel Semiconductor DSC557-051134KI1T Datasheet HTML 2Page - Micrel Semiconductor DSC557-051134KI1T Datasheet HTML 3Page - Micrel Semiconductor DSC557-051134KI1T Datasheet HTML 4Page - Micrel Semiconductor DSC557-051134KI1T Datasheet HTML 5Page - Micrel Semiconductor DSC557-051134KI1T Datasheet HTML 6Page - Micrel Semiconductor DSC557-051134KI1T Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-05
Page 4
DSC557-05
Crystal-less Four Output PCIe Clock Generator
Pin Description (20 QFN)
Pin No.
Pin Name
Pin Type
Description
1
OE1
I
Output Enable; active high
2
NC
NA
Leave unconnected or grounded
3
VSS
Power
Ground
4
VSS
Power
Ground
5
CLK0-
O
Complement output of differential pair
6
CLK0+
O
True output of differential pair
7
CLK1-
O
Complement output of differential pair
8
CLK1+
O
True output of differential pair
9
VDD
Power
Power Supply
10
NC
NA
Leave unconnected or grounded
11
OE2
I
Output Enable; active high
12
NC
NA
Leave unconnected or grounded
13
VSS
Power
Ground
14
VSS
Power
Ground
15
CLK2-
O
Complement output of differential pair
16
CLK2+
O
True output of differential pair
17
CLK3-
O
Complement output of differential pair
18
CLK3+
O
True output of differential pair
19
VDD
Power
Power Supply
20
NC
NA
Leave unconnected or grounded
Pin Diagram (20 QFN)
Connection Diagram
(20 QFN Four HCSL Outputs)
1
2
3
4
5
6
7
8
9
10
18
19
20
15
16
17
OE2
NC
VSS
VSS
11
12
13
14
VSS
VSS
OE1
NC
20 QFN 5.0 x 3.2mm


Similar Part No. - DSC557-051134KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-051134KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com