Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2254EP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2254EP
Description  Advanced LinCMOS RAIL-TO-RALIL VERY-LOW-POWER OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2254EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2254EP Datasheet HTML 6Page - Texas Instruments TLV2254EP Datasheet HTML 7Page - Texas Instruments TLV2254EP Datasheet HTML 8Page - Texas Instruments TLV2254EP Datasheet HTML 9Page - Texas Instruments TLV2254EP Datasheet HTML 10Page - Texas Instruments TLV2254EP Datasheet HTML 11Page - Texas Instruments TLV2254EP Datasheet HTML 12Page - Texas Instruments TLV2254EP Datasheet HTML 13Page - Texas Instruments TLV2254EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TLV225xEP, TLV225xAEP
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SGLS217B − NOVEMBER 2003 − REVISED JUNE 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2254 electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise
noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLV2254
TLV2254A
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IDD
Supply current
VO = 1.5 V,
No load
25
°C
135
250
135
250
µA
IDD
Supply current
(four amplifiers)
VO = 1.5 V,
No load
Full range
300
300
µA
† Full range is −40°C to 125°C for Q level part.
TLV2254 operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2254
TLV2254A
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 0.5 V to 1.7 V,
RL = 100 kه,
25
°C
0.07
0.1
0.07
0.1
V/
µs
SR
Slew rate at unity gain
RL = 100 kه,
CL = 100 pF‡
Full range
0.05
0.05
V/
µs
L
CL = 100 pF‡
Full range
0.05
0.05
Vn
Equivalent input noise voltage
f = 10 Hz
25
°C
35
35
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
19
19
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 Hz to 1 Hz
25
°C
0.6
0.6
V
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
1.1
µV
In
Equivalent input noise current
25
°C
0.6
0.6
fA /
√Hz
Gain-bandwidth product
f = 1 kHz,
RL = 50 kΩ ‡,
25
°C
0.187
0.187
MHz
Gain-bandwidth product
RL = 50 kΩ ‡,
CL = 100 pF ‡
25
°C
0.187
0.187
MHz
BOM
Maximum output-swing
VO(PP) = 1 V,
AV = 1,
25
°C
60
60
kHz
BOM
Maximum output-swing
bandwidth
AV = 1,
RL = 50 kه,
CL = 100 pF ‡
25
°C
60
60
kHz
φm
Phase margin at unity gain
RL = 50 kه,
CL = 100 pF ‡
25
°C
63
°
63
°
Gain margin
RL = 50 kه,
CL = 100 pF ‡
25
°C
15
15
dB
† Full range is −40°C to 125°C for Q level part.
‡ Referenced to 1.5 V


Similar Part No. - TLV2254EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2254 TI1-TLV2254 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2254 TI1-TLV2254 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2254-EP TI1-TLV2254-EP Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2254-EP TI1-TLV2254-EP Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2254-Q1 TI1-TLV2254-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2254EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com