Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VTL5C1 Datasheet(PDF) 30 Page - PerkinElmer Optoelectronics

Part # VTL5C1
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C1 Datasheet(HTML) 30 Page - PerkinElmer Optoelectronics

Back Button VTL5C1 Datasheet HTML 26Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 27Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 28Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 29Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 30Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 31Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 32Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 33Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 34Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
25
Application Notes—Photoconductive Cells
Factoring in the power outputs of the LEDs, in this case at a forward
drive current of 10 ma, coupling factors (matching factor multiplied by
power output) for the various LED/material type combinations can be
generated.
Normalized LED/Photocell Coupling Factors @ 10 mA
Once gain, this data is intended as a general guide. LED power
outputs can vary 5:1 between manufacturer lots.
APPLICATION NOTE #5
Assembly Precautions
When soldering the cell leads take all measures possible to limit the
amount of heating to the photocell. The maximum recommended
soldering temperature is 250°C with a solder duration of 5 seconds.
Heat sink the LEDs if possible. Keep soldering iron 1/16 inch (1.6 mm)
minimum from base of package when soldering.
Avoid chemicals which can cause metal corrosion. Do not clean the
plastic coated cells with organic solvents (ketone types). Check with
factory for specific cleaning recommendations.
Finally refrain from storing the cells under high temperature and/or
humidity conditions. If cells are stored in the dark for any length of time
please “light adept” before testing (see section on Light History Effect).
Storage in the dark will change both the sensitivity and decay time of
the cell.
APPLICATION NOTE #6
A Low Cost Light Source for Measuring
Photocells
The Light Source used in the measurement of photocell resistance
must be characterized for intensity and spectral composition.
PerkinElmer uses a tungsten filament lamp having a spectral output
approximating a black body @ 2850 K with a known candlepower
output at a specified voltage and current.
While calibrated lamps of this type are available from the National
Institute of Standards and Technology (formerly NBS) and private
testing labs, a low cost alternative is to use a 100 W, inside frosted,
tungsten filament lamp available from any home or hardware store.
Such a lamp operated at 120 VAC will produce approximately 90
candlepower (cp) of illumination and a color temperature of 2700 K to
2800 K.
The relationship between candlepower and footcandle is:
Since this equation assumes a point source of light, the distance
between lamp and detector should be at least five times the lamp
diameter.
There are some characteristics of incandescent lamps which should
be noted:
1.
Color temperature increases with increasing wattage.
2.
When operated at a constant current, light output rises with time.
LED Type
λ
P (nm)
Type Ø
Type 3
GaP
569
3%
3%
GaAsP/GaP
58
5%
5%
GaAsP/GaP
635
17%
13%
GaAsP/GaAs
655
11%
9%
AIGaAs
66
47%
35%
GaP/GaP
697
47%
31%
GaAIAs
880
GaAs
940
footcandle
candle power
distance in feet
()
2
----------------------------------------
=


Similar Part No. - VTL5C1

ManufacturerPart #DatasheetDescription
Communications & Power Industries, Inc.
Communications & Power ...
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
More results

Similar Description - VTL5C1

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
Panasonic Semiconductor
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
Advanced Photonix, Inc.
Advanced Photonix, Inc.
PDV-P7002 ADVANCEDPHOTONIX-PDV-P7002 Datasheet
117Kb / 1P
   CdS Photoconductive Photocells
PDV-P8005 ADVANCEDPHOTONIX-PDV-P8005 Datasheet
93Kb / 1P
   CdS Photoconductive Photocells
PDV-P9007 ADVANCEDPHOTONIX-PDV-P9007 Datasheet
87Kb / 1P
   CdS Photoconductive Photocells
PDV-P9103 ADVANCEDPHOTONIX-PDV-P9103 Datasheet
87Kb / 1P
   CdS Photoconductive Photocells
PDV-P9203 ADVANCEDPHOTONIX-PDV-P9203 Datasheet
87Kb / 1P
   CdS Photoconductive Photocells
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com