Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4148A Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMBD4148A
Description  Surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD4148A Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMBD4148A Datasheet HTML 1Page - Diode Semiconductor Korea MMBD4148A Datasheet HTML 2Page - Diode Semiconductor Korea MMBD4148A Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount switching diode
MMBD4148A/CA/CC/SE
FEATURES
Fast switching speed.
High conductance.
For general purpose switching applications.
MMBD4148A
MMBD4148CA
Surface mount package ideally suited
for automatic insertion.
APPLICATIONS
MMBD4148CC
MMBD4148SE
Small signal switching
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD4148A
5H
SOT-23
MMBD4148CA
D6
SOT-23
MMBD4148CC
D5
SOT-23
MMBD4148SE
D4
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC Reverse Voltage
VR
100
V
Forward Continuous Current(Max.)
IFM
600
mA
Average rectified Current
IF(AV)
200
mA
Recurrent peak forward current
IFRM
700
mA
Non-repetitive peak forward surge current (1.0s)
(1.0m)
IFSM
1.0
2.0
A
Power Dissipation
Pd
350
mW
Thermal resistance,Junction to ambient
RθJA
357
/W
Operating junction temperature
TJ
150
Storage temperature range
TSTG
-55-150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMBD4148A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBD4148A JIANGSU-MMBD4148A Datasheet
130Kb / 2P
   SWITCHING DIODE
logo
SHENZHEN KOO CHIN ELECT...
MMBD4148A KOOCHIN-MMBD4148A Datasheet
299Kb / 2P
   SWITCHING DIODES
logo
Weitron Technology
MMBD4148A WEITRON-MMBD4148A Datasheet
393Kb / 3P
   Surface Mount Switching Diode
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
TRANSYS Electronics Lim...
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
   Plastic-Encapsulated Diodes
More results

Similar Description - MMBD4148A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com