Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT300 Datasheet(PDF) 28 Page - PerkinElmer Optoelectronics

Part # VT300
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT300 Datasheet(HTML) 28 Page - PerkinElmer Optoelectronics

Back Button VT300 Datasheet HTML 24Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 25Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 26Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 27Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 28Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 29Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 30Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 31Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 32Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
23
Application Notes—Photoconductive Cells
APPLICATION NOTE #2
Light Resistance Measurement Techniques
The light resistance or “on” resistance (RON) of a photoconductor cell
is defined as the resistance of the cell as measured at a special light
level using a light source with a known output spectrum. Furthermore,
the cell must be “light adapted” for a specific period of time at an
established level of illumination in order to achieve repeatable results.
The industry standard light source used for light resistance
measurements is a tungsten filament lamp operating at a color
temperature of 2850 K. Specifying the 2850 K color temperature for the
light source fixes the spectral output (i.e. the tungsten filament light has
fixed amounts of blue, green, red, and infrared light).
For consistency and ease of comparing different cells, PerkinElmer
lists light resistance values for its photocells at two standard light
levels: 2 fc (footcandles) and at 10 lux. The footcandle is the old,
historical unit for measuring light intensity and is defined as the
illumination produced when the light from one standard candle falls
normally on a surface at a distance of one foot. The lux (the metric unit
of light measurement) is the illumination produced when the light from
one candle falls normally on a surface of one meter. The conversion
between footcandle and lux. is as follows:
1.0 fc = 10.76 lux
1.0 lux = 0.093 fc
As explained in the section on “Selecting a Photocell”, the “light
history” effect necessitates the pre-conditioning of the cell before a
light resistance measurement is made. PerkinElmer stores all cells at
room temperature for 16 hours minimum at 30 – 50 fc (about 320 - 540
lux) prior to making the test measurement.
Sometimes the design engineer or user does not have access to the
precision measurement equipment necessary to determine the light
levels or light intensities of the application. Should this prove to be a
problem, calibrated photocell samples with individual data can be
provided by PerkinElmer.
APPLICATION NOTE #3
Spectral Output of Common Light Sources
Incandescent lamps can be considered as black body radiators whose
spectral output is dependent on their color temperature. The sun has
approximately the same spectral radiation distribution as that of a black
body @ 5900 K. However, as viewed from the surface of the earth, the
sun's spectrum contains H2O and CO2 absorption bands.
Black Body Sources Output vs. Wavelength
Fluorescent lamps exhibit a broad band spectral output with narrow
peaks in certain parts of the spectrum. Shown below is a plot of the
light output of a typical daylight type fluorescent tube.
Fluorescent Lamp Output vs. Wavelength
Due to their long operating lifetimes, small size, low power
consumption, and the fact they generate little heat, LEDs are the light
sources of choice in many applications. When biased in the forward
direction LEDs emit light that is very narrow in spectral bandwidth (light
of one color). The “color” of the light emitted depends on which
semiconductor material was used for the LED.


Similar Part No. - VT300

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
VT30 EXTECH-VT30 Datasheet
242Kb / 7P
   LCD Multifunction Voltage Tester
logo
DENSEI-LAMBDA
VT30-522 LAMBDA-VT30-522 Datasheet
96Kb / 2P
   Triple output 15W ~ 60W
VT30-525 LAMBDA-VT30-525 Datasheet
96Kb / 2P
   Triple output 15W ~ 60W
VT30-5FF LAMBDA-VT30-5FF Datasheet
96Kb / 2P
   Triple output 15W ~ 60W
logo
Vishay Siliconix
VT3045BP VISHAY-VT3045BP Datasheet
115Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
More results

Similar Description - VT300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com