Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT1161 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part No. CAT1161
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo 

CAT1161 Datasheet(HTML) 1 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
s Watchdog monitors SDA signal (CAT1161)
s 400kHz I2C bus compatible
s 2.7V to 6.0V operation
s Low power CMOS technology
s 16-Byte page write buffer
s Built-in inadvertent write protection
— V
CC lock out
— Write protect pin, WP
s Active high or low reset
— Precision power supply voltage monitor
— 5V, 3.3V and 3V systems
— Five threshold voltage options
s 1,000,000 Program/Erase cycles
s Manual Reset
s 100 Year data retention
s 8-pin DIP or 8-pin SOIC
s Commercial and industrial temperature ranges
PIN CONFIGURATION
BLOCK DIAGRAM
© 2002 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DESCRIPTION
The CAT1161/2 is a complete memory and supervisory
solution for microcontroller-based systems. A serial
EEPROM memory (16K) with hardware memory write
protection, a system power supervisor with brown out
protection and a watchdog timer are integrated together
in low power CMOS technology. Memory interface is via
an I2C bus.
The 1.6-second watchdog circuit returns a system to a
known good state if a software or hardware glitch halts
or “hangs” the system. The CAT1161 watchdog monitors
the SDA line, making an additional PC board trace
unnecessary. The lower cost CAT1162 does not have a
watchdog timer.
The power supply monitor and reset circuit protects
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
Doc No. 3002, Rev. D
CAT1161/2
voltages support 5V, 3.3V and 3V systems. If power supply
voltages are out of tolerance reset signals become active,
preventing the system microcontroller, ASIC or peripherals
from operating. Reset signals become inactive typically 200
ms after the supply voltage exceeds the reset threshold
level. With both active high and low reset signals, interface
to microcontrollers and other ICs is simple. In addition, a
reset pin can be used as a debounced input for push-button
manual reset capability.
The CAT1161/2 memory features a 16-byte page. In addition,
hardware data protection is provided by a write protect pin
WP and by a VCC sense circuit that prevents writes to
memory whenever VCC falls below the reset threshold or
until VCC reaches the reset threshold during power up.
Available packages include an 8-pin DIP and a surface
mount, 8-pin SO package.
CAT1161/2 (16K)
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Part Dash
Minimum
Maximum
Number
Threshold
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
16K
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
GND
WP
SDA
RESET Controller
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET
RESET
WATCHDOG
Only for
CAT1161
DC = Do not connect
DC
VCC
RESET
SCL
SDA
RESET
WP
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn