Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT1161 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part No. CAT1161
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo 

CAT1161 Datasheet(HTML) 4 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
CAT1161/2
Doc. No. 3002, Rev. D
RESET CIRCUIT CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Units
tGLITCH
Glitch Reject Pulse Width
100
ns
VRT
Reset Threshold Hystersis
15
mV
VOLRS
Reset Output Low Voltage (IOLRS=1mA)
0.4
V
VOHRS
Reset Output High Voltage
VCC-0.75
V
Reset Threshold (VCC=5V)
4.50
4.75
(CAT1161/2-45)
Reset Threshold (VCC=5V)
4.25
4.50
(CAT1161/2-42)
Reset Threshold (VCC=3.3V)
3.00
3.15
(CAT1161/2-30)
Reset Threshold (VCC=3.3V)
2.85
3.00
(CAT1161/2-28)
Reset Threshold (VCC=3V)
2.55
2.70
(CAT1161/2-25)
tPURST
Power-Up Reset Timeout
130
270
ms
twp
Watchdog Period
1.6
sec
tRPD
VTH to RESET Output Delay
5
µs
VRVALID
RESET Output Valid
1
V
V
TH
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn