Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5958RTQT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5958RTQT
Description  TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5958RTQT Datasheet(HTML) 3 Page - Texas Instruments

  TLC5958RTQT Datasheet HTML 1Page - Texas Instruments TLC5958RTQT Datasheet HTML 2Page - Texas Instruments TLC5958RTQT Datasheet HTML 3Page - Texas Instruments TLC5958RTQT Datasheet HTML 4Page - Texas Instruments TLC5958RTQT Datasheet HTML 5Page - Texas Instruments TLC5958RTQT Datasheet HTML 6Page - Texas Instruments TLC5958RTQT Datasheet HTML 7Page - Texas Instruments TLC5958RTQT Datasheet HTML 8Page - Texas Instruments TLC5958RTQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
RTQ
TOP VIEW
Thermal
PAD
(Solder side)
(GND terminal)
15 16
17 18 19
20 21 22
52 51 50 49
42
41
40
39
38
37
56
55 54 53
1
2
3
4
5
6
7
8
SOUT
OUTB9
OUTG9
OUTR9
OUTB8
OUTG8
OUTR8
OUTB7
OUTG7
OUTR7
OUTB6
OUTG6
OUTR6
GCLK
IREF
OUTR14
OUTG14
OUTB14
OUTR15
OUTG15
OUTB15
OUTR0
OUTG0
OUTB0
OUTR1
OUTG1
OUTB1
OUTR2
36
35
34
33
32
31
30
29
9
10
11
12
13
14
23 24 25 26
27 28
48 47
46 45 44 43
TLC5958
www.ti.com
SLVSCE7A – MAY 2014 – REVISED SEPTEMBER 2014
6 Description (Continued)
The TLC5958 has one error flag: LED open detection (LOD), which can be read via a serial interface port. The
TLC5958 also has a power-save mode that sets the total current consumption to 0.8mA (typ) when all outputs
are off.
7 Pin Configuration and Functions
56 Pin
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Grayscale(GS) pulse width modulation (PWM) reference clock control for OUTXn.
GCLK
29
I
Each GCLK rising edge increase the GS counter by1 for PWM control.
GND
ThermalPad
Power ground. The thermal pad must be soldered to GND on PCB.
Maximum constant-current value setting. The OUTR0 to OUTB15 maximum constant output
current are set to the desired values by connecting an external resistor between IREF and
IREF
1
IREFGND. See equation 1 for more detail. The external resistor should be placed close to
the device.
Analog ground. Dedicated ground pin for the external IREF resistor. This pin should be
IREFGND
56
connected to analog ground trace which is connected to power ground near the common
GND point of board.
The LAT falling edge latches the data from the common shift register into the GS data
LAT
27
I
memory or Function control(FC) register FC1 or FC2.
8, 11, 14, 17,
20, 23, 30,
Constant current output for RED LED. Multiple outputs can be tied together to increase the
OUTR0-R15
33, 36, 39,
O
constant current capability. Different voltages can be applied to each output. These outputs
44, 47, 50,
are turned on-off by GCLK signal and the data in GS data memory.
53 ,2, 5
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TLC5958RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59581RTQR TI1-TLC59581RTQR Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59581RTQT TI1-TLC59581RTQT Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59582 TI1-TLC59582 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59582RTQR TI1-TLC59582RTQR Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
More results

Similar Description - TLC5958RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
[Old version datasheet]   TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com