Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT41 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT41
Description  SMALL SIGNAL SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT41 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT41 Datasheet HTML 1Page - Diode Semiconductor Korea BAT41 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
This diode features very low turn-on voltage
and fast switching. Thes e devices are protected
MECHANICAL DATA
Case:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
Symbols
Min.
UNITS
100
-
-
V
V
µA
pF
/W
Thermal resistance junction to ambient
CJ
-
-
1.0
s,
<2%
F=1mA,Tj=25
@ I
F=200mA,Tj=25
Storage temperature range
TSTG
Reverse breakdown voltage @IR=100µ A,Tj=25
Symbols
VBR
I
R
BAT41
by a PN junction guard ring against exces sive
SMALL SIGNAL SCHOTTKY DIODE
VOLTAGE RANGE: 100 V
CURRENT: 100 mA
DO - 35(GLASS)
voltage, such as electrostatic discharges
Pow er dissipation
@
T
A =95
UNITS
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VRRM
IF
IFRM
I FSM
Ptot
TJ
TL
750
1)
-55 ---+ 125
V
mA
mA
100
100
1)
350
1)
mA
mW
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Junction temperature
Ambient operating temperature range
RθJA
Leakage current
@Tj=25
Junction capacitance at VR=1V,f=1MHz
V
F
Forw ard voltage
@ I
-
-
20
-
-
20
-
-
300
1)
Value
100
1)
1) On infinite heatsink with 4mm lead length.
Continuous reverse voltage
Forw ard continuous current
@TA=25
Repetitive peak forward current
tp
≤1s,δ≤0.5
Surge forw ard current
@tp
≤10ms
230
VR=50V
@Tj=100
-
0.4
0.45
-
-
0.1
2)Pulse test tp<300
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
58Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
SUNMATE electronic Co.,...
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
   100mA Axial Leaded Schottky Barrier Diodes
logo
General Semiconductor
BAT41 GE-BAT41 Datasheet
41Kb / 2P
   Schottky Diodes
logo
Jinan Jing Heng Electro...
BAT41 JINGHENG-BAT41 Datasheet
57Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT41 BILIN-BAT41 Datasheet
109Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com