Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5946PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946PW
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946PW Datasheet(HTML) 2 Page - Texas Instruments

  TLC5946PW Datasheet HTML 1Page - Texas Instruments TLC5946PW Datasheet HTML 2Page - Texas Instruments TLC5946PW Datasheet HTML 3Page - Texas Instruments TLC5946PW Datasheet HTML 4Page - Texas Instruments TLC5946PW Datasheet HTML 5Page - Texas Instruments TLC5946PW Datasheet HTML 6Page - Texas Instruments TLC5946PW Datasheet HTML 7Page - Texas Instruments TLC5946PW Datasheet HTML 8Page - Texas Instruments TLC5946PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
DISSIPATION RATINGS
TLC5946
SLVS824B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
TLC5946
TSSOP-28
TLC5946PW
TLC5946
HTSSOP-28 PowerPAD™
TLC5946PWP
TLC5946
5 mm × 5 mm QFN-32
TLC5946RHB
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TLC5946
UNIT
VCC
Supply voltage: VCC
–0.3 to +6.0
V
OUT0 to OUT15
50
mA
IOUT
Output current (dc)
XERR
6
mA
Input voltage range: SIN, SCLK, GSCLK, XLAT, BLANK, MODE, XHALF,
VIN
–0.3 to VCC + 0.3
V
IREF
SOUT, XERR
–0.3 to VCC + 0.3
V
VOUT
Output voltage range
OUT0 to OUT15
–0.3 to +18
V
TJ(ABS)
Operating temperature range: junction temperature
–40 to +150
°C
TSTG
Storage temperature range
–55 to +150
°C
Human body model (HBM),
2
kV
JEDEC JESD22-A114
ESD rating
Charged device model (CDM),
500
V
JEDEC JESD22-C101
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
All voltage values are with respect to network ground terminal.
OPERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
TSSOP-28
16.21 mW/°C
2026 mW
1296 mW
1053 mW
HTSSOP-28 with
31.67 mW/°C
3958 mW
2533 mW
2058 mW
PowerPAD soldered(1)
HTSSOP-28 with
16.21 mW/°C
2026 mW
1296 mW
1053 mW
PowerPAD not soldered(2)
QFN-32(3)
27.86 mW/°C
3482 mW
2228 mW
1811 mW
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2 oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
With PowerPAD not soldered onto copper area on PCB.
(3)
The package thermal impedance is calculated in accordance with JESD51-5.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5946


Similar Part No. - TLC5946PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946PW TI-TLC5946PW Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PW TI1-TLC5946PW Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWP TI-TLC5946PWP Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWP TI1-TLC5946PWP Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWPG4 TI1-TLC5946PWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com