Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5945 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC5945
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5945 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5945_16 Datasheet HTML 12Page - Texas Instruments TLC5945_16 Datasheet HTML 13Page - Texas Instruments TLC5945_16 Datasheet HTML 14Page - Texas Instruments TLC5945_16 Datasheet HTML 15Page - Texas Instruments TLC5945_16 Datasheet HTML 16Page - Texas Instruments TLC5945_16 Datasheet HTML 17Page - Texas Instruments TLC5945_16 Datasheet HTML 18Page - Texas Instruments TLC5945_16 Datasheet HTML 19Page - Texas Instruments TLC5945_16 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
GS0.0
191
GS1.0
179
GS15.0
11
GS15.11
0
GS0.11
180
GS14.11
12
MSB
LSB
GSOUT15
GSOUT0
GSOUT14 − GSOUT1
tsu2
SCLK
SOUT
SIN
MODE
GS
MSB
1
FollowingGSModeData
InputCycle
XLAT
DC
LSB
96
DCModeData
InputCycle
192
GS
LSB
193
GS+1
MSB
1
DCn
LSB
DC
MSB
GS
MSB
SID
MSB
SID
MSB−1
FirstGSModeData
InputCycle AfterDCDataInputCycle
192
SIDn+1
MSB
GSn+1
LSB
th3
tsu3
th1
th2
tsu1
twh2
th3
X
X
SID
LSB
tpd0
STATUS INFORMATION OUTPUT
TLC5945
SLVS755 – MARCH 2007
n = 0 to 15
Grayscale data for all OUTn
The input shift register enters grayscale data into the grayscale register for all channels simultaneously. The
complete grayscale data format consists of 16 x 12 bit words, which forms a 192-bit wide data packet (see
Figure 11). The data packet must be clocked in with the MSB first.
Figure 11. Grayscale Data Packet Format
When MODE is set to GND, the TLC5945 enters the grayscale data input mode. The device switches the input
shift register to 192-bit width. After all data is clocked in, a rising edge of the XLAT signal latches the data into
the grayscale register (see Figure 12). New grayscale data immediately becomes valid at the rising edge of the
XLAT signal; therefore, new grayscale data should be latched at the end of a grayscale cycle when BLANK is
high. The first GS data input cycle after dot correction requires an additional SCLK pulse after the XLAT signal
to complete the grayscale update cycle. All GS data in the input shift register is replaced with status information
data (SID) after updating the grayscale register.
Figure 12. Grayscale Data Input Timing Chart
The TLC5945 does have a status information register, which can be accessed in grayscale mode (MODE =
GND). After the XLAT signal latches the data into the GS register, the input shift register data is replaced with
status information data (SID) of the device (see Figure 12). LOD, TEF, and dot-correction register data can be
read out at the SOUT pin. The status information data packet is 192 bits wide. Bits 0 – 15 contain the LOD
status of each channel. Bit 16 contains the TEF status. Bits 24 – 119 contain the data of the dot-correction
register. The remaining bits are reserved. The complete status information data packet is shown in Figure 13.
SOUT outputs the MSB of the SID at the same time the SID are stored in the SID register, as shown in
16
Submit Documentation Feedback


Similar Part No. - TLC5945_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5945PWP TI-TLC5945PWP Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945PWPR TI-TLC5945PWPR Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945RHB TI-TLC5945RHB Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945RHBR TI-TLC5945RHBR Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945RHBT TI-TLC5945RHBT Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5945_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com