Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5943 Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC5943
Description  16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5943 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC5943_16 Datasheet HTML 19Page - Texas Instruments TLC5943_16 Datasheet HTML 20Page - Texas Instruments TLC5943_16 Datasheet HTML 21Page - Texas Instruments TLC5943_16 Datasheet HTML 22Page - Texas Instruments TLC5943_16 Datasheet HTML 23Page - Texas Instruments TLC5943_16 Datasheet HTML 24Page - Texas Instruments TLC5943_16 Datasheet HTML 25Page - Texas Instruments TLC5943_16 Datasheet HTML 26Page - Texas Instruments TLC5943_16 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
www.ti.com
SIN
SCLK
BCSEL
XLAT
SOUT
OUTn
GSCLK
BLANK
GSShiftRegister
(Internal)
GSData
1stLatch(Internal)
GSData
2ndLatch(Internal)
GS0
4A
GS0
3A
GS0
3
GS0
4
GS0
2A
GS0
2
GS0
1B
GS0
1
GS0
0A
GS0
0
BC
7A
GS15
15A
BC
7
BC
6A
BC
6
BC
5A
BC
5
BC
4A
BC
4
BC
3A
BC
3
BC
2A
BC
2
BC
1A
BC
1
BC
0A
BC
0
GS15
15B
GS15
15A
GS15
14A
GS15
14B
GS15
13B
GS15
13A
GS15
12B
GS15
12A
GS15
11A
Highlevel( H )=BrightnessRegisterisselected
' '
1
2
3
4
5
6
7
8
Lowlevel( L )
' '
LatestGrayscaleData
LatestGrayscaleData
PreviousGrayscaleData
PreviousGrayscaleData
PreviousBrightnessData
PreviousBrightnessData
PWM/BrightnessControlledbyPreviousData
PWM/BrightnessControlledbyLatestData
PreviousBrightnessData(Bit0 Bit6)
-
LatestGrayscaleData
LatestBrightnessData
LatestBrightnessData
LatestBrightnessData(Bit0 Bit6)
-
BCShiftRegister
(Internal)
BCData
1stLatch(Internal)
BCData
2ndLatch(Internal)
OFF
ON
BC
7A
251
252
253
254
255
256
1
2
3
4
5
8
1
4
2
Lowlevel( L )=GrayscaleRegisterisselected
' '
6
7
3
GS15
15A
BC
7A
TLC5943
SBVS101 – DECEMBER 2007
When the BLANK input occurs with XLAT.
Figure 27. Auto Refresh Data Function Timing 3
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TLC5943


Similar Part No. - TLC5943_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results

Similar Description - TLC5943_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com