Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3527AN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UC3527AN
Description  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3527AN Datasheet(HTML) 5 Page - Texas Instruments

  UC3527AN Datasheet HTML 1Page - Texas Instruments UC3527AN Datasheet HTML 2Page - Texas Instruments UC3527AN Datasheet HTML 3Page - Texas Instruments UC3527AN Datasheet HTML 4Page - Texas Instruments UC3527AN Datasheet HTML 5Page - Texas Instruments UC3527AN Datasheet HTML 6Page - Texas Instruments UC3527AN Datasheet HTML 7Page - Texas Instruments UC3527AN Datasheet HTML 8Page - Texas Instruments UC3527AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
+VIN
15
Q3
Q4
Q2
Q1
1
2
Inv Input
NI Input
200 mA
100 mA
5.8 V
100 W
Comp
9
to PWM
Comparator
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
+VIN = 20 V, and over operating temperature, unless otherwise specified, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM COMPARATOR
Minimum duty-cycle
0%
Maximum duty-cycle
45%
49%
Zero duty-cycle
0.7
0.9
Input threshold(4)
V
Maximum duty-cycle
3.3
3.6
Input bias current(4)
0.05
1.0
µA
SHUTDOWN
Soft-start current
VSD = 0 V, VSS = 0 V
25
50
80
µA
Soft-start low level
VSD = 2.5 V
0.4
0.7
V
Shutdown threshold
To outputs, VSS = 5.1 V, TJ = 25°C
0.6
0.8
1.0
Shutdown input current
VSD = 2.5 V
0.4
1.0
mA
Shutdown Delay(5)
VSD = 2.5 V, TJ = 25°C
0.2
0.5
µs
OUTPUT DRIVERS (each output) (VC = 20 V)
ISINK = 20 mA
0.2
0.4
Low-level output voltage
ISINK = 100 mA
1.0
2.0
ISOURCE = 20 mA
18
19
V
High-level output voltage
ISOURCE = 100 mA
17
18
Undervoltage lockout
VCOMP and VSS = High
6
7
8
VC OFF Current
(6)
VC = 35 V
200
µA
Rise Time(5)
CL = 1 nF, TJ = 25°C
100
600
ns
Fall Time(5)
CL = 1 nF, TJ = 25°C
50
300
TOTAL STANDBY CURRENT
Supply Current
VIN = 35 V
14
20
mA
(4)
Tested at fOSC = 40 kHz (RT = 3.6 kΩ, CT = 0.01 µF, RD = 0 Ω.
(5)
These parameters, although ensured over the recommended operating conditions, are not 100% tested in production.
(6)
Collector off-state quiescent current measured at pin 13 with outputs low for UC1525A and high for UC1527A.
UC1525A Error Amplifier
Copyright © 1997–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


Similar Part No. - UC3527AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3527AN TI-UC3527AN Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527AN TI1-UC3527AN Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3527ANG4 TI1-UC3527ANG4 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC3527AN

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com