Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M10CKVURG3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UA78M10CKVURG3
Description  Positive-Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78M10CKVURG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UA78M10CKVURG3 Datasheet HTML 7Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 8Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 9Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 10Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 11Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 12Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 13Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 14Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
UA78MXX
INPUT
OUTPUT
COMMON
0.33 2F
0.1 2F
Unregulated Voltage Source
Up to 500 mA
uA78M05, uA78M06, uA78M08
uA78M09, uA78M10, uA78M12, uA78M33
www.ti.com
SLVS059T – JUNE 1976 – REVISED JANUARY 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The UA78Mxx devices are ideal for use as linear regulators with few external components needed for a working
design. They are also useful for attenuating power supply noise.
9.2 Typical Application
Figure 2. Fixed-Output Regulator
9.2.1 Design Requirements
An 0.33-µF decoupling capacitor on the input and a 0.1-µF decoupling capacitor on the output are recommended
for the UA78Mxx to behave as close to datasheet specifications as possible.
9.2.2 Detailed Design Procedure
The customer's end application will determine how the schematic for UA78Mxx is designed. For example, if there
is a load connected to a negative voltage as its ground, a clamp diode may be necessary on the output. In the
event of an input short circuit or another case where the output voltage can be higher than the input, a diode
shunt can be connected across the device with the anode at the output and cathode at the input
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: uA78M05 uA78M06 uA78M08 uA78M09 uA78M10 uA78M12 uA78M33


Similar Part No. - UA78M10CKVURG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M10CKVURG3 TI-UA78M10CKVURG3 Datasheet
418Kb / 18P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M10CKVURG3 TI-UA78M10CKVURG3 Datasheet
563Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M10CKVURG3 TI1-UA78M10CKVURG3 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - UA78M10CKVURG3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com