Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3832DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3832DW
Description  Precision Low Dropout Linear Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3832DW Datasheet(HTML) 1 Page - Texas Instruments

  UC3832DW Datasheet HTML 1Page - Texas Instruments UC3832DW Datasheet HTML 2Page - Texas Instruments UC3832DW Datasheet HTML 3Page - Texas Instruments UC3832DW Datasheet HTML 4Page - Texas Instruments UC3832DW Datasheet HTML 5Page - Texas Instruments UC3832DW Datasheet HTML 6Page - Texas Instruments UC3832DW Datasheet HTML 7Page - Texas Instruments UC3832DW Datasheet HTML 8Page - Texas Instruments UC3832DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SLUS387A - JUNE 1994 - REVISED - MAY 2003
BLOCK DIAGRAMS
Precision 1% Reference
Over-Current Sense Threshold
Accurate to 5%
Programmable Duty-Ratio
Over-Current Protection
4.5 V to 36 V Operation
100mA Output Drive, Source
, or
Sink
Under-Voltage Lockout
Additional Features of the UC
2832
series:
Adjustable Current Limit to
Current Sense Ratio
Separate +VIN terminal
Programmable Driver Current
Limit
Access to VREF and E/A(+)
Logic-Level Disable Input
The UC
2832 and UC3833 series of precision linear regulators include all the
control functions required in the design of very low dropout linear regulators.
Additionally, they feature an innovative duty-ratio current limiting technique
which provides peak load capability while limiting the average power dissipa-
tion of the external pass transistor during fault conditions. When the load cur-
rent reaches an accurately programmed threshold, a gated-astable timer is
enabled, which switches the regulator’s pass device off and on at an externally
programmable duty-ratio. During the on-time of the pass element, the output
current is limited to a value slightly higher than the trip threshold of the duty-ra-
tio timer. The constant-current-limit is programmable on the UCx832 to allow
higher peak current during the on-time of the pass device. With duty-ratio con-
trol, high initial load demands and short circuit protection may both be accom-
modated without extra heat sinking or foldback current limiting. Additionally, if
the timer pin is grounded, the duty-ratio timer is disabled, and the IC operates
in constant-voltage/constant-current regulating mode.
These IC’s include a 2 Volt (
±1%) reference, error amplifier, UVLO, and a high
current driver that has both source and sink outputs, allowing the use of either
NPN or PNP external pass transistors. Safe operation is assured by the inclu-
sion of under-voltage lockout (UVLO) and thermal shutdown.
The UC
3833 family includes the basic functions of this design in a low-cost, 8-
pin mini-dip package, while the UC
2832 series provides added versatility with
the availability of 14 pins. Packaging options include plastic (N suffix), or ce-
ramic (J suffix). Specified operating temperature ranges are: commercial (0°C
to 70°C), order UC3832/3 (N or J);
and industrial (–40°C to 85°C), order
UC2832/3 (N or J). Surface mount packaging is also available.
UC1832
UC2832/3
UC3832/3
Precision Low Dropout Linear Controllers
FEATURES
DESCRIPTION
UDG-92040


Similar Part No. - UC3832DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3832DW TI1-UC3832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC3832DWG4 TI1-UC3832DWG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC3832DWTR TI1-UC3832DWTR Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC3832DWTRG4 TI1-UC3832DWTRG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results

Similar Description - UC3832DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302 AD-ADP3302_15 Datasheet
306Kb / 8P
   High Precision anyCAP Dual Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com