Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3705M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3705M
Description  HIGH SPEED POWER DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3705M Datasheet(HTML) 1 Page - Texas Instruments

  UC3705M Datasheet HTML 1Page - Texas Instruments UC3705M Datasheet HTML 2Page - Texas Instruments UC3705M Datasheet HTML 3Page - Texas Instruments UC3705M Datasheet HTML 4Page - Texas Instruments UC3705M Datasheet HTML 5Page - Texas Instruments UC3705M Datasheet HTML 6Page - Texas Instruments UC3705M Datasheet HTML 7Page - Texas Instruments UC3705M Datasheet HTML 8Page - Texas Instruments UC3705M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
UC1705
UC2705, UC3705
www.ti.com
SLUS370D – JULY 1995 – REVISED MARCH 2012
HIGH SPEED POWER DRIVER
Check for Samples: UC1705, UC2705, UC3705
1
FEATURES
1.5 A Source/Sink Drive
Low Quiescent Current
100 nsec Delay
5 V to 40 V Operation
40 nsec Rise Fall into 1000 pF
Thermal Shutdown Protection
Inverting and Non-Inverting Inputs
Minidip and Power Packages
Low Cross-Conduction Current Spike
DESCRIPTION
The UC1705 family of power drivers is made with a high sppeed Schottky process to interface between low-level
control functions and high-power switching devices - particularly power MOSFETs. These devices are also an
optimum choise for capacitive line drivers where up to 1.5 A may be switched in either direction. With both
inverting and non-inverting inputs available, logic signals of either polarity may be accepted, or one input can be
used to gate or strobe the other.
Supply voltages for both VS and VC can independently range from 5 V to 40 V. For additional application details,
see the UC1707/3707 data sheet (SLUS177).
The UC1705 is packaged in an 8-pin hermetically sealed CERDIP for -55°C to 125°C operation. The UC3705 is
specified for a temperature range of 0°C to 70°C and is available in either a plastic minidip or a 5-pin, power
TO-220 package.
TRUTH TABLE
(1) (2)
INV
N.I
OUT
H
H
L
L
H
H
H
L
L
L
L
L
(1)
OUT = INV and N.I.
(2)
OUT = INV and N.i.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC3705M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3705 TI-UC3705 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705D TI-UC3705D Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705DTR TI-UC3705DTR Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705DTRG4 TI-UC3705DTRG4 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705J TI-UC3705J Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
More results

Similar Description - UC3705M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI-UC1705 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com